Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet (PDF) - Texas Instruments

CC2640 Datasheet PDF - Texas Instruments
Part # CC2640
Download  CC2640 Download
File Size   3816.47 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2640 SimpleLink™ Bluetooth® Wireless MCU

CC2640 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2640 Datasheet PDF - Texas Instruments

Part # CC2640
Download  CC2640 Click to download

File Size   3816.47 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2640 SimpleLink™ Bluetooth® Wireless MCU

CC2640 Datasheet (HTML) - Texas Instruments


CC2640 Product details

1
1.1 Features 1
• Microcontroller
– Powerful ARM® Cortex®-M3
– EEMBC CoreMark® Score: 142
– Up to 48-MHz Clock Speed
– 128KB of In-System Programmable Flash
– 8KB of SRAM for Cache
– 20KB of Ultralow-Leakage SRAM
– 2-Pin cJTAG and JTAG Debugging
– Supports Over-The-Air Upgrade (OTA)
• Ultralow-Power Sensor Controller
– Can Run Autonomous From the Rest of the
System
– 16-Bit Architecture
– 2KB of Ultralow-Leakage SRAM for Code and
Data
• Efficient Code Size Architecture, Placing Drivers,
Bluetooth® Low Energy Controller, and Bootloader
in ROM
• RoHS-Compliant Packages
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 7-mm × 7-mm RGZ VQFN48 (31 GPIOs)
• Peripherals
– All Digital Peripheral Pins Can Be Routed to
Any GPIO
– Four General-Purpose Timer Modules
(Eight 16-Bit or Four 32-Bit Timers, PWM Each)
– 12-Bit ADC, 200-ksamples/s, 8-Channel Analog
MUX
– Continuous Time Comparator
– Ultralow-Power Analog Comparator
– Programmable Current Source
– UART
– 2× SSI (SPI, MICROWIRE, TI)
– I2C
– I2S
– Real-Time Clock (RTC)
– AES-128 Security Module
– True Random Number Generator (TRNG)
– 10, 15, or 31 GPIOs, Depending on Package
Option
– Support for Eight Capacitive-Sensing Buttons
– Integrated Temperature Sensor
• External System
– On-Chip internal DC-DC Converter
– Very Few External Components
– Seamless Integration With the SimpleLink™
CC2590 and CC2592 Range Extenders
– Pin Compatible With the SimpleLink CC13xx in
4-mm × 4-mm and 5-mm × 5-mm VQFN
Packages
• Low Power
– Wide Supply Voltage Range
• Normal Operation: 1.8 to 3.8 V
• External Regulator Mode: 1.7 to 1.95 V
– Active-Mode RX: 5.9 mA
– Active-Mode TX at 0 dBm: 6.1 mA
– Active-Mode TX at +5 dBm: 9.1 mA
– Active-Mode MCU: 61 μA/MHz
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode Sensor Controller: 8.2 μA/MHz
– Standby: 1 μA (RTC Running and RAM/CPU
Retention)
– Shutdown: 100 nA (Wake Up on External
Events)
• RF Section
– 2.4-GHz RF Transceiver Compatible With
Bluetooth Low Energy (BLE) 4.2 Specification
– Excellent Receiver Sensitivity (–97 dBm for
BLE), Selectivity, and Blocking Performance
– Link budget of 102 dB for BLE
– Programmable Output Power up to +5 dBm
– Single-Ended or Differential RF Interface
– Suitable for Systems Targeting Compliance With
Worldwide Radio Frequency Regulations
• ETSI EN 300 328 (Europe)
• EN 300 440 Class 2 (Europe)
• FCC CFR47 Part 15 (US)
• ARIB STD-T66 (Japan)
• Tools and Development Environment
– Full-Feature and Low-Cost Development Kits
– Multiple Reference Designs for Different RF
Configurations
– Packet Sniffer PC Software
– Sensor Controller Studio
– SmartRF™ Studio
– SmartRF Flash Programmer 2
– IAR Embedded Workbench® for ARM
– Code Composer Studio™

1.2 Applications
• Home and Building Automation
– Connected Appliances
– Lighting
– Locks
– Gateways
– Security Systems
• Industrial
– Logistics
– Production and Manufacturing
– Automation
– Asset Tracking and Management
– Remote Display
– Cable Replacement
– HMI
– Access Control
• Retail
– Beacons
– Advertising
– ESL and Price Tags
– Point of Sales and Payment Systems
• Health and Medical
– Thermometers
– SpO2
– Blood Glucose and Pressure Meters
– Weight Scales
– Vitals Monitoring
– Hearing Aids
• Sports and Fitness
– Activity Monitors and Fitness Trackers
– Heart Rate Monitors
– Running Sensors
– Biking Sensors
– Sports Watches
– Gym Equipment
– Team Sports Equipment
• HID
– Remote Controls
– Keyboards and Mice
– Gaming
• Accessories
– Toys
– Trackers
– Luggage Tags
– Wearables

1.3 Description
The CC2640 device is a wireless MCU targeting Bluetooth applications.
The device is a member of the CC26xx family of cost-effective, ultralow power, 2.4-GHz RF devices. Very
low active RF and MCU current and low-power mode current consumption provide excellent battery
lifetime and allow for operation on small coin cell batteries and in energy-harvesting applications.
The CC2640 device contains a 32-bit ARM Cortex-M3 processor that runs at 48 MHz as the main
processor and a rich peripheral feature set that includes a unique ultralow power sensor controller. This
sensor controller is ideal for interfacing external sensors and for collecting analog and digital data
autonomously while the rest of the system is in sleep mode. Thus, the CC2640 device is ideal for a wide
range of applications where long battery lifetime, small form factor, and ease of use is important.
The Bluetooth Low Energy controller is embedded into ROM and runs partly on an ARM Cortex-M0
processor. This architecture improves overall system performance and power consumption and frees up
flash memory for the application.
The Bluetooth stack is available free of charge from www.ti.com.




Similar Part No. - CC2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640 TI-CC2640 Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640F128RGZ TI-CC2640F128RGZ Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640F128RGZR TI-CC2640F128RGZR Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640F128RGZT TI-CC2640F128RGZT Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640F128RHB TI-CC2640F128RHB Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
More results


Similar Description - CC2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
SimpleLink ZigBee RF4CE Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com