Electronic Components Datasheet Search
  English  ▼

X  

BQ51003 Datasheet (PDF) - Texas Instruments

BQ51003 Datasheet PDF - Texas Instruments
Part # BQ51003
Download  BQ51003 Download
File Size   4886.89 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply

BQ51003 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ51003 Datasheet PDF - Texas Instruments

Part # BQ51003
Download  BQ51003 Click to download

File Size   4886.89 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply

BQ51003 Datasheet (HTML) - Texas Instruments


BQ51003 Product details

1 Features
• Integrated Wireless Power Supply Receiver
Solution
– 93% Overall peak AC-DC efficiency
– Full synchronous rectifier
– WPC v1.2 compliant communication control
– Output voltage conditioning
– Only IC required between Rx coil and output
• Wireless power consortium (WPC) v1.2 compliant
(FOD enabled) highly accurate current sense
• Dynamic rectifier control for improved load
transient response
• Dynamic efficiency scaling for optimized
performance over wide range of output power
• Adaptive communication limit for robust
communication
• Supports 20-V maximum input
• Low-power dissipative rectifier overvoltage clamp
(VOVP = 15 V)
• Thermal shutdown
• Multifunction NTC and control pin for temperature
monitoring, charge complete, and fault host control

2 Applications
• WPC v1.2 compliant receivers
• Cell phones and smart phones
• Headsets
• Digital cameras
• Portable media players
• Handheld devices

3 Description
The BQ51013B device is a single-chip, advanced,
flexible, secondary-side device for wireless power
transfer in portable applications capable of providing
up to 5 W. The BQ51013B devices provide the
receiver (RX) AC-to-DC power conversion and
regulation while integrating the digital control required
to comply with the Wireless Power Consortium (WPC)
Qi v1.2 communication protocol. Together with the
BQ50012A primary-side controller (or other Qi
transmitter), the BQ51013B enables a complete
contactless power transfer system for a wireless
power supply solution. Global feedback is established
from the secondary to the primary to control the power
transfer process using the Qi v1.2 protocol.
The BQ51013B integrates a low-resistance
synchronous rectifier, low-dropout regulator (LDO),
digital control, and accurate voltage and current loops
to ensure high efficiency and low power dissipation.
The BQ51013B also includes a digital controller that
calculates the amount of power received by the
mobile device within the limits set by the WPC v1.2
standard. The controller then communicates this
information to the transmitter (TX) to allow the TX to
determine if a foreign object is present within the
magnetic interface and introduces a higher level of
safety within magnetic field. This Foreign Object
Detection (FOD) method is part of the requirements
under the WPC v1.2 specification.




Similar Part No. - BQ51003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
4Mb / 47P
BQ51013C-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v2.0) Compliant Power Supply
JUNE 2024
BQ51003 TI-BQ51003 Datasheet
3Mb / 49P
BQ51013C-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v2.0) Compliant Power Supply
SEPTEMBER 2024
BQ51003YFPR TI1-BQ51003YFPR Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51003YFPT TI1-BQ51003YFPT Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
More results


Similar Description - BQ51003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com