Electronic Components Datasheet Search
  English  ▼

X  

BQ25601D Datasheet (PDF) - Texas Instruments

BQ25601D Datasheet PDF - Texas Instruments
Part # BQ25601D
Download  BQ25601D Download
File Size   2271.23 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25601 I2C Controlled 1-Cell 3-A Buck Battery Charger for High Input Voltage and NVDC Power Path Management

BQ25601D Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25601D Datasheet PDF - Texas Instruments

Part # BQ25601D
Download  BQ25601D Click to download

File Size   2271.23 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25601 I2C Controlled 1-Cell 3-A Buck Battery Charger for High Input Voltage and NVDC Power Path Management

BQ25601D Datasheet (HTML) - Texas Instruments


BQ25601D Product details

1 Features
• High-efficiency, 1.5-MHz, synchronous switchmode
buck charger
– 92% charge efficiency at 2-A from 5-V input
– Optimized for USB voltage input (5 V)
– Selectable low power pulse frequency
modulation (PFM) mode for light load
operations
• Supports USB On-The-Go (OTG)
– Boost converter with up to 1.2-A output
– 92% boost efficiency at 1-A output
– Accurate constant current (CC) limit
– Soft-start up to 500-μF capacitive load
– Output short circuit protection
– Low power PFM mode for light load operations
• Single input to support USB input and high voltage
adapters
– Support 3.9-V to 13.5-V input voltage range
with 22-V absolute maximum input voltage
rating
– Programmable input current limit (100 mA
to 3.2 A with 100-mA resolution) to support
USB 2.0, USB 3.0 standards and high voltage
adaptors (IINDPM)
– Maximum power tracking by input voltage limit
up to 5.4 V (VINDPM)
– VINDPM threshold automatically tracks battery
voltage
– Auto detect USB SDP, DCP and non-standard
adaptors
• High battery discharge efficiency with 19.5-mΩ
battery discharge MOSFET
• Narrow VDC (NVDC) power path management
– Instant-on works with no battery or deeply
discharged battery
– Ideal diode operation in battery supplement
mode
• BATFET control to support ship mode, wake up
and full system reset
• Flexible autonomous and I2C mode for optimal
system performance
• High integration includes all MOSFETs, current
sensing and loop compensation
• High accuracy
– ±0.5% charge voltage regulation
– ±5% at 1.5-A charge current regulation
• Safety and Regulatory Approval:
– IEC 62368-1 End Equipment Standard

2 Applications
• Smartphone
• Mobile phone accessory
• Medical equipment

3 Description
The BQ25601 is a highly-integrated 3-A switch-mode
battery charge management and system power path
management device for single cell Li-ion and Lipolymer
batteries. The low impedance power path
optimizes switch-mode operation efficiency, reduces
battery charging time, and extends battery life during
discharging phase. The I2C serial interface with
charging and system settings makes the device a truly
flexible solution.




Similar Part No. - BQ25601D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601DRTWR TI1-BQ25601DRTWR Datasheet
1Mb / 66P
I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601DRTWT TI1-BQ25601DRTWT Datasheet
1Mb / 66P
I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results


Similar Description - BQ25601D

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com