Electronic Components Datasheet Search
  English  ▼

X  

2N6124 Datasheet (PDF) - Multicomp Pro

2N6124 Datasheet PDF - Multicomp Pro
Part # 2N6124
Download  2N6124 Download
File Size   241.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor General Purpose

2N6124 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6124 Datasheet PDF - Multicomp Pro

Part # 2N6124
Download  2N6124 Click to download

File Size   241.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor General Purpose

2N6124 Datasheet (HTML) - Multicomp Pro


2N6124 Product details

Description:
A Silicon epitaxial PNP Darlington transistor in a TO-220 type Case designed for general-purpose amplifier and Low speed switching circuits.

Features:
• High DC Current Gain
• Collector-Emitter Sustaining Voltage VCEO(SUS)=100V Min.
• Monolithic Construction With Built-in Base-Emitter Shunt Resistors

Description
Transistor, PNP, 8A, 80V, TO-220




Similar Part No. - 2N6124

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6124 MOSPEC-2N6124 Datasheet
190Kb / 4P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6124 BOCA-2N6124 Datasheet
27Kb / 2P
Medium Power Linear and Switching Applications
logo
Central Semiconductor C...
2N6124 CENTRAL-2N6124 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6124 ETC-2N6124 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6124 SAVANTIC-2N6124 Datasheet
93Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6124

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com