Electronic Components Datasheet Search
  English  ▼

X  

BQ29700DSER Datasheet (PDF) - Texas Instruments

BQ29700DSER Datasheet PDF - Texas Instruments
Part # BQ29700DSER
Download  BQ29700DSER Download
File Size   1434.93 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single- Cell Li-Ion and Li-Polymer Batteries

BQ29700DSER Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29700DSER Datasheet PDF - Texas Instruments

Part # BQ29700DSER
Download  BQ29700DSER Click to download

File Size   1434.93 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single- Cell Li-Ion and Li-Polymer Batteries

BQ29700DSER Datasheet (HTML) - Texas Instruments


BQ29700DSER Product details

1 Features
• Input voltage range pack+: VSS – 0.3V to 12V
• FET drive:
– CHG and DSG FET drive output
• Voltage sensing across external FETs for
overcurrent protection (OCP) is within ±5mV
(typical)
• Fault detection
– Overcharge detection (OVP)
– Over-discharge detection (UVP)
– Charge overcurrent detection (OCC)
– Discharge overcurrent detection (OCD)
– Load short-circuit detection (SCP)
• Zero voltage charging for depleted battery
• Factory programmed fault protection thresholds
– Fault detection voltage thresholds
– Fault trigger timers
– Fault recovery timers
• Modes of operation without battery charger
enabled
– NORMAL mode ICC = 4μA
– Shutdown Iq = 100nA
• Operating temperature range TA = –40°C to +85°C
• Package:
– 6-pin DSE (1.50mm × 1.50mm × 0.75mm)

2 Applications
• Tablet PCs
• Mobile handsets
• Handheld data terminals

3 Description
The BQ2970 battery cell protection device provides
an accurate monitor and trigger threshold for
overcurrent protection during high discharge/charge
current operation or battery overcharge conditions.
The BQ2970 device provides the protection functions
for Li-ion/Li-polymer cells, and monitors across the
external power FETs for protection due to high
charge or discharge currents. In addition, there is
overcharge and depleted battery monitoring and
protection. These features are implemented with low
current consumption in NORMAL mode operation.




Similar Part No. - BQ29700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29700DSER TI1-BQ29700DSER Datasheet
1Mb / 31P
Cost-Effective Voltage and Current Protection Integrated Circuit
BQ29700DSER TI1-BQ29700DSER Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29700DSER TI1-BQ29700DSER Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29700DSER TI-BQ29700DSER Datasheet
1Mb / 32P
BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ29700DSER TI-BQ29700DSER Datasheet
1Mb / 34P
BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
More results


Similar Description - BQ29700DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
Single-Cell Protector for Li-Ion Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970_1806 TI1-BQ2970_1806 Datasheet
1Mb / 33P
Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
Single-cell Li-ion/Li-polymer battery protection IC
logo
Texas Instruments
BQ2970 TI-BQ2970_V01 Datasheet
1Mb / 32P
BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
BQ2970 TI-BQ2970_V02 Datasheet
1Mb / 34P
BQ297xx Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com