Electronic Components Datasheet Search
  English  ▼

X  

BQ294604DRVR Datasheet (PDF) - Texas Instruments

BQ294604DRVR Datasheet PDF - Texas Instruments
Part # BQ294604DRVR
Download  BQ294604DRVR Download
File Size   1452.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2946xx Single-Cell Protector for Li-Ion Batteries

BQ294604DRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ294604DRVR Datasheet PDF - Texas Instruments

Part # BQ294604DRVR
Download  BQ294604DRVR Click to download

File Size   1452.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2946xx Single-Cell Protector for Li-Ion Batteries

BQ294604DRVR Datasheet (HTML) - Texas Instruments


BQ294604DRVR Product details

1 Features
• Single-Cell Overvoltage Monitor for Secondary
Protection
• Fixed Programmable Delay Timer
• Fixed Overvoltage Protection (OVP) Threshold
– Available Range of 3.85V to 4.6V
• Fixed OVP Delay Option: 4s or 6.5s
• High-Accuracy OVP: ±10mV
• Low Power Consumption ICC approximately 1μA
(VCELL(ALL) < VPROTECT)
• Low Leakage Current per Cell Input < 100nA
• Small Package Footprint
– 6-Pin SON

2 Applications
• Second-level protection in Li-ion battery packs in:
– Tablets
– Slates
– Portable equipment and instrumentation

3 Description
The BQ2946xx family of products is a secondary-level
overvoltage monitor and protector for Li-Ion battery
pack systems. The cell is monitored for overvoltage
condition and triggers an internal counter once the
OVP threshold is exceeded; after a fixed set delay,
the out is transitioned to a high level. The output is
reset (goes low) if the cell voltage drops below the set
threshold minus the hysteresis.




Similar Part No. - BQ294604DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294604DRVR TI-BQ294604DRVR Datasheet
676Kb / 17P
Single-Cell Protector for Li-Ion Batteries
BQ294604DRVR TI1-BQ294604DRVR Datasheet
917Kb / 21P
Single-Cell Protector for Li-Ion Batteries
BQ294604DRVR TI1-BQ294604DRVR Datasheet
932Kb / 21P
Single-Cell Protector for Li-Ion Batteries
More results


Similar Description - BQ294604DRVR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
Single-Cell Protector for Li-Ion Batteries
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com