Electronic Components Datasheet Search
  English  ▼

X  

BQ24610RGET Datasheet (PDF) - Texas Instruments

BQ24610RGET Datasheet PDF - Texas Instruments
Part # BQ24610RGET
Download  BQ24610RGET Download
File Size   3032.6 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2461x Stand-Alone 1- to 6-Cell Synchronous Buck Battery Charger Controller

BQ24610RGET Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24610RGET Datasheet PDF - Texas Instruments

Part # BQ24610RGET
Download  BQ24610RGET Click to download

File Size   3032.6 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2461x Stand-Alone 1- to 6-Cell Synchronous Buck Battery Charger Controller

BQ24610RGET Datasheet (HTML) - Texas Instruments


BQ24610RGET Product details

1 Features
1• 600-kHz NMOS-NMOS Synchronous buck
converter
• Stand-alone charger support for li-ion or li-polymer
• 5-V to 28-V VCC Input operating range and
supports 1- to 6-battery cells (BQ24610)
• 5-V to 24-V VCC Input operating range and
supports 1- to 5-battery cells (BQ24617)
• Up to 10-A charge current and adapter current
• High-accuracy voltage and current regulation
– ±0.5% Charge voltage accuracy
– ±3% Charge current accuracy
– ±3% Adapter current accuracy
• Integration
– Automatic system power selection from
adapter or battery
– Non Power Path option for low total BOM cost
– Internal loop compensation and soft start
– Dynamic power management
• Safety protection
– Input overvoltage protection
– Battery thermistor sense hot and cold charge
suspend
– Battery detection
– Reverse protection input FET
– Programmable safety timer
– Charge overcurrent protection
– Battery short protection
– Battery overvoltage protection
– Thermal shutdown
• Status Outputs
– Adapter present
– Charger operation status
• Charge enable pin
• 6-V Gate drive for synchronous buck converter
• Energy star low quiescent current Iq
– < 15-μA Off-state battery discharge current
– < 1.5-mA Off-state input quiescent current

2 Applications
• Netbooks, mobile internet devices, and ultramobile
PCs
• Personal digital assistants (PDAs)
• Handheld terminals
• Industrial and medical equipment
• Portable equipment

3 Description
The BQ2461x is a highly integrated Li-ion, Li-polymer
or Lead-acid switched-mode battery charge
controller. The device offers a constant-frequency
synchronous switching PWM controller with highaccuracy
charge current and voltage regulation,
charge preconditioning, termination, adapter current
regulation, and charge status monitoring.




Similar Part No. - BQ24610RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24610RGET TI-bq24610RGET Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
bq24610RGET TI-bq24610RGET Datasheet
1Mb / 32P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610RGET TI-BQ24610RGET Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results


Similar Description - BQ24610RGET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
logo
NXP Semiconductors
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
STAND-ALONE CAN-CONTROLLER
October 1990
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
NXP Semiconductors
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
Stand-alone CAN-controller
November 1992
logo
Texas Instruments
BQ24620 TI-BQ24620 Datasheet
1Mb / 30P
Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with Low Iq
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
Monolithic Power System...
MP2623 MPS-MP2623 Datasheet
457Kb / 16P
Stand-Alone, 2A, 1- or2-Cell Switching LiFePO4 Battery Charger
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com