Electronic Components Datasheet Search
  English  ▼

X  

BQ24250 Datasheet (PDF) - Texas Instruments

BQ24250 Datasheet PDF - Texas Instruments
Part # BQ24250
Download  BQ24250 Download
File Size   4372.06 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2425x 2A Single-Input I2C, Stand-Alone Switched-Mode Li-Ion Battery Charger With Power-Path Management

BQ24250 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24250 Datasheet PDF - Texas Instruments

Part # BQ24250
Download  BQ24250 Click to download

File Size   4372.06 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2425x 2A Single-Input I2C, Stand-Alone Switched-Mode Li-Ion Battery Charger With Power-Path Management

BQ24250 Datasheet (HTML) - Texas Instruments


BQ24250 Product details

1 Features
• High-Efficiency Switched-Mode Charger With
Separate Power Path
• Startup System From Deeply Discharged or
Missing Battery
• USB Charging Compliant
– Selectable Input Current Limit of 100 mA,
500 mA, 900 mA, 1.5 A, and 2 A
• BC1.2 Compatible D+, D– Detection
• In Host Mode (After I2C Communication Starts
and Before Watchdog Timer Times Out)
– Programmable Battery Charge Voltage,
VBATREG
– Programmable Charge Current (ICHG)
– Programmable Input Current Limit (ILIM)
– Programmable Input Voltage-Based Dynamic
Power Management Threshold, (VIN_DPM)
– Programmable Input Overvoltage Protection
Threshold (VOVP)
– Programmable Safety Timer
• Resistor Programmable Defaults for:
– I CHG up to 2 A With Current Monitoring Output
(ISET)
– ILIM up to 2 A With Current Monitoring Output
(ILIM)
– VIN_DPM (VDPM)
• Watchdog Timer Disable Bit
• Integrated 4.9 V, 50 mA LDO
• Complete System-Level Protection
– Input UVLO, Input Overvoltage Protection
(OVP), Battery OVP, Sleep Mode, VIN_DPM
– Input Current Limit
– Charge Current Limit
– Thermal Regulation
– Thermal Shutdown
– Voltage-Based, JEITA Compatible NTC
Monitoring Input
– Safety Timer
• 22 V Absolute Maximum Input Voltage Rating
• 10.5 V Maximum Operating Input Voltage
• Low RDS(on) Integrated Power FETs for a Charging
Rate of up to 2 A
• Open-Drain Status Outputs
• Synchronous Fixed-Frequency PWM Controller
Operating at 3 MHz for Small Inductor Support
• AnyBoot Robust Battery Detection Algorithm
• Charge Time Optimizer for Improved Charge
Times at Any Given Charge Current
• 2.40-mm x 2.00-mm 30-Ball DSBGA and 4-mm x
4-mm 24-Pin QFN Packages

2 Applications
• Mobile Phones and Smart Phones
• MP3 Players
• Portable Media Players
• Handheld Devices

3 Description
The bq24250, bq24251, and bq24253 are highly
integrated single-cell Li-Ion battery chargers and system power-path management devices targeted for
space-limited, portable applications with high-capacity
batteries. The single-cell charger has a single input
that operates from either a USB port or an AC wall
adapter for a versatile solution.




Similar Part No. - BQ24250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results


Similar Description - BQ24250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com