Electronic Components Datasheet Search
  English  ▼

X  

BQ24100 Datasheet (PDF) - Texas Instruments

BQ24100 Datasheet PDF - Texas Instruments
Part # BQ24100
Download  BQ24100 Download
File Size   1382.48 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq241xx Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs (bqSWITCHER™)

BQ24100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24100 Datasheet PDF - Texas Instruments

Part # BQ24100
Download  BQ24100 Click to download

File Size   1382.48 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq241xx Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs (bqSWITCHER™)

BQ24100 Datasheet (HTML) - Texas Instruments


BQ24100 Product details

1 Features
1• Ideal For Highly Efficient Charger Designs For
Single-, Two-, or Three-Cell Li-Ion and Li-Polymer
Battery Packs
• bq24105 Also for LiFePO4 Battery (see Using
bq24105 to Charge the LiFePO4 Battery)
• Integrated Synchronous Fixed-Frequency PWM
Controller Operating at 1.1 MHz With 0% to 100%
Duty Cycle
• Integrated Power FETs for Up To 2-A Charge
Rate
• High-Accuracy Voltage and Current Regulation
• Available in Both Stand-Alone (Built-In Charge
Management and Control) and System-Controlled
(Under System Command) Versions
• Status Outputs for LED or Host Processor
Interface Indicates Charge-In-Progress, Charge
Completion, Fault, and AC-Adapter Present
Conditions
• 20-V Maximum Voltage Rating on IN and OUT userPins
• High-Side Battery Current Sensing
• Battery Temperature Monitoring
• Automatic Sleep Mode for Low Power
Consumption
• System-Controlled Version Can Be Used in NiMH
and NiCd Applications
• Reverse Leakage Protection Prevents Battery
Drainage
• Thermal Shutdown and Protection
• Built-In Battery Detection
• Available in 20-Pin, 3.50 mm × 4.50 mm VQFN
Package

2 Applications
• Handheld Products
• Portable Media Players
• Industrial and Medical Equipment
• Portable Equipment

3 Description
The bqSWITCHER™ series are highly integrated Li-
ion and Li-polymer switch-mode charge management
devices targeted at a wide range of portable
applications. The bqSWITCHER™ series offers
integrated synchronous PWM controller and power FETs, high-accuracy current and voltage regulation,
charge preconditioning, charge status, and charge
termination, in a small, thermally enhanced VQFN
package. The system-controlled version provides
additional inputs for full charge management under
system control.
The bqSWITCHER™ charges the battery in three
phases: conditioning, constant current, and constant
voltage. Charge is terminated based on userPins
selectable minimum current level. A programmable
charge timer provides a safety backup for charge
termination. The bqSWITCHER™ automatically
restarts the charge cycle if the battery voltage falls
below an internal threshold. The bqSWITCHER™
automatically enters sleep mode when VCC supply is
removed.




Similar Part No. - BQ24100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24100 TI-BQ24100 Datasheet
1,017Kb / 36P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100 Datasheet
611Kb / 29P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100 Datasheet
1Mb / 40P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
More results


Similar Description - BQ24100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com