Electronic Components Datasheet Search
  English  ▼

X  

SEN0213 Datasheet (PDF) - DFROBOT

SEN0213 Datasheet PDF - DFROBOT
Part # SEN0213
Download  SEN0213 Download
File Size   260.0 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Heart Rate Monitor Sensor SKU: SEN0213

SEN0213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0213 Datasheet PDF - DFROBOT

Part # SEN0213
Download  SEN0213 Click to download

File Size   260.0 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Heart Rate Monitor Sensor SKU: SEN0213

SEN0213 Datasheet (HTML) - DFROBOT


SEN0213 Product details

Specification
 Input Voltage: 3.3 ‐ 6V (5V recommended)
 Output Voltage: 0 ‐ 3.3V
 Operating current: <10mA
 Dimension: 35 x 22(mm), 1.378" x 0.866"(in)
 Interface Type: PH2.0‐3P




Similar Part No. - SEN0213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN0211 ETC1-SEN0211 Datasheet
261Kb / 11P
Analog AC Current Sensor
logo
DFROBOT
SEN0211 DFROBOT-SEN0211 Datasheet
770Kb / 7P
SKU:SEN0211
9-9-21
SEN0212 DFROBOT-SEN0212 Datasheet
260Kb / 7P
TCS34725 I2C Color Sensor For Arduino SKU: SEN0212
5-3-17
SEN0219 DFROBOT-SEN0219 Datasheet
218Kb / 3P
Gravity: PWM Infrared Carbon Dioxide Sensor (400-5000 ppm)
3-5-24
More results


Similar Description - SEN0213

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LNDSP16-3A LINEAR_DIMENSIONS-LNDSP16-3A Datasheet
151Kb / 1P
Portable Three Terminal Heart Rate Monitor
logo
Analog Devices
AD8232 AD-AD8232 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
Optical Heart Rate Detection Sensor
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
Optical Sensor for Heart Rate Monitor IC
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
Optical Sensor for Heart Rate Monitor
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
Optical Sensor for Heart Rate Monitor IC
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
Optical Sensor for Heart Rate Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com