Electronic Components Datasheet Search
  English  ▼

X  

3047390 Datasheet (PDF) - PHOENIX CONTACT

3047390 Datasheet PDF - PHOENIX CONTACT
Part # 3047390
Download  3047390 Download
File Size   187.31 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description P-DI GY - Isolating plug

3047390 Datasheet (PDF)

Go To PDF Page Download Datasheet
3047390 Datasheet PDF - PHOENIX CONTACT

Part # 3047390
Download  3047390 Click to download

File Size   187.31 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description P-DI GY - Isolating plug

3047390 Datasheet (HTML) - PHOENIX CONTACT


3047390 Product details

Isolating plug, depth: 23.1 mm, width: 3.5 mm, height: 10.8 mm, color: gray




Similar Part No. - 3047390

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3047390 PHOENIX-3047390 Datasheet
182Kb / 20P
Installation level terminal block - PTB 2,5-PE/L/TG
3047390 PHOENIX-3047390 Datasheet
195Kb / 25P
Installation ground terminal block - PTB 2,5-PE/L/NTG
More results


Similar Description - 3047390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
List of Unclassifed Man...
PV5702 ETC2-PV5702 Datasheet
51Kb / 3P
SCHEDA DI DATI DI SICUREZZA
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
PHOENIX CONTACT
3032794 PHOENIX-3032794 Datasheet
58Kb / 3P
Test adapter - PAIS-4-P/P GY
09/12/2020
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com