Electronic Components Datasheet Search
  English  ▼

X  

ADS8557IPMR Datasheet (PDF) - Texas Instruments

ADS8557IPMR Datasheet PDF - Texas Instruments
Part # ADS8557IPMR
Download  ADS8557IPMR Download
File Size   1074.23 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS855x 16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters

ADS8557IPMR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8557IPMR Datasheet PDF - Texas Instruments

Part # ADS8557IPMR
Download  ADS8557IPMR Click to download

File Size   1074.23 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS855x 16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters

ADS8557IPMR Datasheet (HTML) - Texas Instruments


ADS8557IPMR Product details

1 Features
1• Family of 16-, 14-, 12-Bit, Pin- and
Software-Compatible ADCs
• Six SAR ADCs Grouped in Three Pairs
• Maximum Data Rate Per Channel with Internal
Conversion Clock and Reference:
ADS8556: 630 kSPS (PAR) or 450 kSPS (SER)
ADS8557: 670 kSPS (PAR) or 470 kSPS (SER)
ADS8558: 730 kSPS (PAR) or 500 kSPS (SER)
• Maximum Data Rate with External Conversion
Clock and Reference:
800 kSPS (PAR) or 530 kSPS (SER)
• Pin-Selectable or Programmable Input Voltage
Ranges: Up to ±12 V
• Excellent Signal-to-Noise Performance:
ADS8556: 91.5 dB, ADS8667: 85 dB,
ADS8668: 73.9 dB
• Programmable and Buffered Internal Reference:
0.5 V to 2.5 V and 0.5 V to 3.0 V
• Comprehensive Power-Down Modes:
– Deep Power-Down (Standby Mode)
– Partial Power-Down
– Auto-Nap Power-Down
• Selectable Parallel or Serial Interface
• Operating Temperature Range: –40°C to 125°C

2 Applications
• Power Quality Measurement
• Protection Relays
• Multi-Axis Motor Control
• Programmable Logic Controllers
• Industrial Data Acquisition

3 Description
The ADS855x contains six low-power, 16-, 14-, or 12-
bit, successive approximation register (SAR) based
analog-to-digital converters (ADCs) with true bipolar
inputs. Each channel contains a sample-and-hold
circuit that allows simultaneous high-speed multichannel
signal acquisition.
The ADS855x supports data rates of up to 730 kSPS
in parallel interface mode or up to 500 kSPS if the
serial interface is used. The bus width of the parallel
interface can be set to eight or 16 bits. In serial
mode, up to three output channels can be activated.
The ADS855x is specified over the full industrial
temperature range of –40°C to 125°C and is available
in an LQFP-64 package.




Similar Part No. - ADS8557IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8557IPMR TI-ADS8557IPMR Datasheet
896Kb / 40P
16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8557IPMR TI1-ADS8557IPMR Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8557IPMR TI2-ADS8557IPMR Datasheet
1Mb / 50P
ADS855x 16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
REVISED FEBRUARY 2016
ADS8557IPMR.A TI2-ADS8557IPMR.A Datasheet
1Mb / 50P
ADS855x 16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
REVISED FEBRUARY 2016
More results


Similar Description - ADS8557IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com