Electronic Components Datasheet Search
  English  ▼

X  

ADS7863ADBQRG4 Datasheet (PDF) - Texas Instruments

ADS7863ADBQRG4 Datasheet PDF - Texas Instruments
Part # ADS7863ADBQRG4
Download  ADS7863ADBQRG4 Download
File Size   2202.23 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter

ADS7863ADBQRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7863ADBQRG4 Datasheet PDF - Texas Instruments

Part # ADS7863ADBQRG4
Download  ADS7863ADBQRG4 Click to download

File Size   2202.23 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter

ADS7863ADBQRG4 Datasheet (HTML) - Texas Instruments


ADS7863ADBQRG4 Product details

1FEATURES
2• Four Fully- or Six Pseudo-Differential Inputs
• SNR: 71 dB
• THD: –81 dB
• Programmable and Buffered Internal 2.5-V
Reference
• Flexible Power-Down Features
• Variable Power-Supply Ranges: 2.7 V to 5.5 V
• Low-Power Operation: 45 mW at 5 V
• Operating Temperature Range:
–40°C to +125°C
• Pin-Compatible with the ADS7861 and
ADS8361 (SSOP Package)

APPLICATIONS
• Motor Control
• Multi-Axis Positioning Systems
• Three-Phase Power Control

DESCRIPTION
The ADS7863A is a dual, 12-bit, 2-MSPS, analog-to-
digital converter (ADC) with four fully-differential or six pseudo-differential input channels grouped into two
pairs for high-speed, simultaneous signal acquisition.
Inputs to the sample-and-hold (S/H) amplifiers are
fully differential and are maintained differential to the
ADC input. This architecture provides excellent common-mode rejection of 72 dB at 100 kHz, which
is a critical performance characteristic in noisy
environments.
The device is pin-compatible with the ADS7861, but
offers additional features such as a programmable
reference output, flexible supply voltage (2.7 V to
5.5 V for AVDD and BVDD), a pseudo-differential input multiplexer with three channels per ADC, and several
power-down features.
The device is offered in an SSOP-24 and a 4-mm × 4-mm QFN-24 package. The device is specified over
the extended operating temperature range of –40°C
to +125°C.




Similar Part No. - ADS7863ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863ADBQR TI1-ADS7863ADBQR Datasheet
1Mb / 42P
Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
More results


Similar Description - ADS7863ADBQRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com