Electronic Components Datasheet Search
  English  ▼

X  

ADS8353 Datasheet (PDF) - Texas Instruments

ADS8353 Datasheet PDF - Texas Instruments
Part # ADS8353
Download  ADS8353 Download
File Size   2979.69 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADSxx53 Dual, High-Speed, 16-, 14-, and 12-Bit, Simultaneous-Sampling, Analog-to-Digital Converters

ADS8353 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8353 Datasheet PDF - Texas Instruments

Part # ADS8353
Download  ADS8353 Click to download

File Size   2979.69 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADSxx53 Dual, High-Speed, 16-, 14-, and 12-Bit, Simultaneous-Sampling, Analog-to-Digital Converters

ADS8353 Datasheet (HTML) - Texas Instruments


ADS8353 Product details

1 Features
1• 16-, 14-, and 12-Bit, Pin-Compatible Family
• Simultaneous Sampling of Two Channels
• Supports Single-Ended and Pseudo-Differential
Inputs
• High Speed:
– ADS8353: 16 Bits, 600 kSPS
– ADS7853: 14 Bits, 1 MSPS
– ADS7253: 12 Bits, 1 MSPS
• Excellent DC Performance:
– ADS8353:
– 16-Bit NMC DNL, ±2.5-LSB Max INL
– ADS7853: pseudo–
14-Bit NMC DNL, ±2-LSB Max INL
– ADS7253:
– 12-Bit NMC DNL, ±1-LSB Max INL
• Excellent AC Performance:
– ADS8353:
– 89-dB SNR, –100-dB THD
– ADS7853:
– 82-dB SNR, –90-dB THD
– ADS7253:
– 72-dB SNR, –90-dB THD
• Dual, Programmable, and Buffered
2.5-V Internal Reference
• Fully-Specified Over the Extended Industrial
Temperature Range: –40°C to 125°C
• Small Footprint:
WQFN-16 (3-mm × 3-mm) and TSSOP-16

2 Applications
• Motor Control:
Position Measurement Using Encoders
• Optical Networking: EDFA Gain Control Loops
• Protection Relays
• Power Quality Measurement
• Three-Phase Power Controls
• Programmable Logic Controllers

3 Description
The ADS8353, ADS7853, and ADS7253 belong to a family of pin-compatible, dual, high-speed,
simultaneous-sampling, analog-to-digital converters
(ADCs) that support single-ended and pseudo–
differential analog inputs.
Each device includes two individually programmable
reference sources that can be used for system-level gain calibration. Also, a flexible serial interface that
can operate over a wide power-supply range enables
easy communication with a large variety of host
controllers. Power consumption for a given throughput can be optimized by using the two low-
power modes supported by the device. All devices
are fully specified over the extended industrial
temperature range (–40°C to 125°C) and are available in pin-compatible, WQFN-16 (3-mm ×
3-mm) and TSSOP-16 packages.




Similar Part No. - ADS8353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
561Kb / 41P
Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353 TI2-ADS8353 Datasheet
2Mb / 73P
ADSxx54 Dual, High-Speed, 16-, 14-, and 12-Bit, Simultaneous-Sampling, Analog-to-Digital Converters
REVISED AUGUST 2014
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8353IPW TI1-ADS8353IPW Datasheet
2Mb / 71P
Simultaneous-Sampling, Analog-to-Digital Converters
More results


Similar Description - ADS8353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com