Electronic Components Datasheet Search
  English  ▼

X  

ADS5562 Datasheet (PDF) - Texas Instruments

ADS5562 Datasheet PDF - Texas Instruments
Part # ADS5562
Download  ADS5562 Download
File Size   2266.37 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs

ADS5562 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5562 Datasheet PDF - Texas Instruments

Part # ADS5562
Download  ADS5562 Click to download

File Size   2266.37 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs

ADS5562 Datasheet (HTML) - Texas Instruments


ADS5562 Product details

1 Features
1• 16-Bit Resolution
• Maximum Sample Rate:
– ADS5562: 80 MSPS
– ADS5560: 40 MSPS
• Total Power:
– 865 mW at 80 MSPS
– 674 mW at 40 MSPS
• No Missing Codes
• High SNR: 84 dBFS (3 MHz IF)
• SFDR: 85 dBc (3 MHz IF)
• Low-Frequency Noise Suppression Mode
• Programmable Fine Gain, 1-dB steps Until 6-dB
Maximum Gain
• Double Data-Rate (DDR) LVDS and Parallel
CMOS Output Options
• Internal and External Reference Support
• 3.3-V Analog and Digital Supply
• Pin-for-Pin With ADS5547 Family
• 48-VQFN Package (7.00 mm × 7.00 mm)

2 Applications
• Medical Imaging, MRI
• Wireless Communications Infrastructure
• Software Defined Radio
• Test and Measurement Instrumentation
• High Definition Video

3 Description
The ADS556x is a high-performance 16-bit family of
ADCs with sampling rates up to 80 MSPS. The
device supports very-high SNR for input frequencies
in the first Nyquist zone. The device includes a lowfrequency
noise suppression mode that improves the
noise from DC to about 1 MHz.
In addition to high performance, the device offers
several flexible features such as output interface
(either Double Data Rate [DDR] LVDS or parallel
CMOS) and fine gain in 1-dB steps until 6-dB
maximum gain.
Innovative techniques, such as DDR LVDS and an
internal reference that does not require external
decoupling capacitors, have been used to achieve
significant savings in pin count. This innovation
results in a compact 7-mm × 7-mm 48-pin VQFN
package.
The device can be put in an external reference mode,
where the VCM pin behaves as the external reference input. For applications where power is
important, the ADS556x device offers power down
modes and automatic power scaling at lower sample
rates.
The device is specified over the industrial
temperature range of –40°C to 85°C.




Similar Part No. - ADS5562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5562 TI-ADS5562 Datasheet
1Mb / 53P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5562 TI1-ADS5562 Datasheet
1Mb / 56P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5562IRGZR TI-ADS5562IRGZR Datasheet
1Mb / 53P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5562IRGZR TI1-ADS5562IRGZR Datasheet
1Mb / 56P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5562IRGZT TI-ADS5562IRGZT Datasheet
1Mb / 53P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results


Similar Description - ADS5562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5560EVM TI1-ADS5560EVM Datasheet
1Mb / 56P
16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
MSPS ADCs With DDR LVDS and CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com