Electronic Components Datasheet Search
  English  ▼

X  

ADS822E.B Datasheet (PDF) - Texas Instruments

ADS822E.B Datasheet PDF - Texas Instruments
Part # ADS822E.B
Download  ADS822E.B Download
File Size   563.27 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS

ADS822E.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS822E.B Datasheet PDF - Texas Instruments

Part # ADS822E.B
Download  ADS822E.B Click to download

File Size   563.27 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS

ADS822E.B Datasheet (HTML) - Texas Instruments


ADS822E.B Product details

FEATURES
HIGH SNR: 60dB
HIGH SFDR: 72dBFS
LOW POWER: 190mW
INTERNAL/EXTERNAL REFERENCE OPTION
SINGLE-ENDED OR
FULLY DIFFERENTIAL ANALOG INPUT
PROGRAMMABLE INPUT RANGE
LOW DNL: 0.5LSB
SINGLE +5V SUPPLY OPERATION
+3V OR +5V LOGIC I/O COMPATIBLE (ADS825)
POWER DOWN: 20mW
SSOP-28 PACKAGE

APPLICATIONS
MEDICAL IMAGING
TEST EQUIPMENT
COMPUTER SCANNERS
COMMUNICATIONS
VIDEO DIGITIZING

DESCRIPTION
The ADS822 and ADS825 are pipeline, CMOS Analog-to-Digital
Converters (ADC) that operate from a single +5V power supply.
These converters provide excellent performance with a single-ended
input and can be operated with a differential input for added spurious
performance. These high-performance converters include a 10-bit
quantizer, high-bandwidth track-and-hold, and a high-accuracy internal
reference. They also allow for the user to disable the internal
reference and utilize external references. This external reference
option provides excellent gain and offset matching when used in
multichannel applications, or in applications where full-scale range
adjustment is required.
The ADS822 and ADS825 employ digital error correction techniques
to provide excellent differential linearity for demanding imaging applications.
Its low distortion and high SNR give the extra margin needed
for medical imaging, communications, video, and test instrumentation.
The ADS822 and ADS825 offer power dissipation of 190mW and also
provide a power-down mode, thus reducing power dissipation to only
20mW. The ADS825 is +3V or +5V logic I/O compatible.
The ADS822 and ADS825 are specified at a maximum sampling
frequency of 40MSPS and a single-ended input range of 1.5V to 3.5V.
The ADS822 and ADS825 are available in an SSOP-28 package and
are pin-for-pin compatible with the 10-bit, 60MSPS ADS823 and
ADS826, and the 10-bit, 75MSPS ADS828, providing an upgrade
path to higher sampling frequencies.




Similar Part No. - ADS822E.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822E.B TI2-ADS822E.B Datasheet
562Kb / 21P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
REVISED AUGUST 2002
More results


Similar Description - ADS822E.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com