Electronic Components Datasheet Search
  English  ▼

X  

ADS54J60 Datasheet (PDF) - Texas Instruments

ADS54J60 Datasheet PDF - Texas Instruments
Part # ADS54J60
Download  ADS54J60 Download
File Size   3045.45 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter

ADS54J60 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS54J60 Datasheet PDF - Texas Instruments

Part # ADS54J60
Download  ADS54J60 Click to download

File Size   3045.45 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter

ADS54J60 Datasheet (HTML) - Texas Instruments


ADS54J60 Product details

1 Features
1• 12-Bit Resolution, Dual-Channel, 1-GSPS ADC
• Noise Floor: –157 dBFS/Hz
• Spectral Performance (fIN = 170 MHz at –1 dBFS):
– SNR: 67.8 dBFS
– NSD: –155 dBFS/Hz
– SFDR: 86 dBc (Including Interleaving Tones)
– SFDR: 89 dBc (Except HD2, HD3, and
Interleaving Tones)
• Spectral Performance (fIN = 350 MHz at –1 dBFS):
– SNR: 65.6 dBFS
– NSD: –152.6 dBFS/Hz
– SFDR: 75 dBc
– SFDR: 85 dBc (Except HD2, HD3, and
Interleaving Tones)
• Channel Isolation: 100 dBc at fIN = 170 MHz
• Input Full-Scale: 1.9 VPP
• Input Bandwidth (3 dB): 1.2 GHz
• On-Chip Dither
• Integrated Wideband DDC Block
• JESD204B Interface with Subclass 1 Support:
– 2 Lanes per ADC at 10.0 Gbps
– 4 Lanes per ADC at 5.0 Gbps
– Support for Multi-Chip Synchronization
• Power Dissipation: 1.35 W/Ch at 1 GSPS
• Package: 72-Pin VQFNP (10 mm × 10 mm)

2 Applications
• Radar and Antenna Arrays
• Broadband Wireless
• Cable CMTS, DOCSIS 3.1 Receivers
• Communications Test Equipment
• Microwave Receivers
• Software Defined Radios (SDRs)
• Digitizers
• Medical Imaging and Diagnostics

3 Description
The ADS54J20 is a low-power, wide-bandwidth, 12-
bit, 1.0-GSPS, dual-channel, analog-to-digital
converter (ADC). Designed for high signal-to-noise
ratio (SNR), the device delivers a noise floor of
–157 dBFS/Hz for applications aiming for highest
dynamic range over a wide instantaneous bandwidth.
The device supports the JESD204B serial interface
with data rates up to 10 Gbps, supporting two or four
lanes per ADC. The buffered analog input provides
uniform input impedance across a wide frequency
range and minimizes sample-and-hold glitch energy.
Optionally, each ADC channel can be connected to a
wideband digital down-converter (DDC) block. The
ADS54J20 provides excellent spurious-free dynamic
range (SFDR) over a large input frequency range with
very low power consumption.
The JESD204B interface reduces the number of
interface lines, allowing high system integration
density. An internal phase-locked loop (PLL)
multiplies the ADC sampling clock to derive the bit
clock that is used to serialize the 12-bit data from
each channel.




Similar Part No. - ADS54J60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI2-ADS54J60 Datasheet
4Mb / 98P
ADS54J60 Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
REVISED APRIL 2019
ADS54J60 TI2-ADS54J60 Datasheet
5Mb / 117P
ADS54J40 Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
REVISED DECEMBER 2020
ADS54J60 TI2-ADS54J60 Datasheet
4Mb / 84P
ADS54J42 Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
REVISED MARCH 2016
ADS54J60 TI2-ADS54J60 Datasheet
3Mb / 83P
ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
REVISED JANUARY 2017
More results


Similar Description - ADS54J60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com