Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet (PDF) - Texas Instruments

ADS1194 Datasheet PDF - Texas Instruments
Part # ADS1194
Download  ADS1194 Download
File Size   2288.13 Kbytes
Page   114 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements

ADS1194 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1194 Datasheet PDF - Texas Instruments

Part # ADS1194
Download  ADS1194 Click to download

File Size   2288.13 Kbytes
Page   114 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements

ADS1194 Datasheet (HTML) - Texas Instruments


ADS1194 Product details

1 Features
1• Eight Low-Noise PGAs and Eight High-Resolution
ADCs (ADS1298, ADS1298R)
• Low Power: 0.75 mW/channel
• Input-Referred Noise: 4 μVPP (150 Hz BW, G = 6)
• Input Bias Current: 200 pA
• Data Rate: 250 SPS to 32 kSPS
• CMRR: –115 dB
• Programmable Gain: 1, 2, 3, 4, 6, 8, or 12
• Supports systems meeting AAMI EC11, EC13,
IEC60601-1, IEC60601-2-27, and IEC60601-2-51
Standards
• Unipolar or Bipolar Supplies:
– AVDD = 2.7 V to 5.25 V
– DVDD = 1.65 V to 3.6 V
• Built-In Right Leg Drive Amplifier, Lead-Off
Detection, Wilson Center Terminal, Pace
Detection, Test Signals
• Integrated Respiration Impedance Measurement
• Digital Pace Detection Capability Lead•
Built-In Oscillator and Reference
• SPI™-Compatible Serial Interface

2 Applications
• Medical Instrumentation (ECG, EMG, and EEG):
Patient Monitoring; Holter, Event, Stress, and Vital
Signs Including ECG, AED, Telemedicine
Bispectral Index (BIS), Evoked Audio Potential
(EAP), Sleep Study Monitor

3 Description
The ADS1294, ADS1296, ADS1298 (ADS129x) and
ADS1294R, ADS1296R ADS1298R (ADS129xR) are
a family of multichannel, simultaneous sampling,
24-bit, delta-sigma (ΔΣ) analog-to-digital converters
(ADCs) with built-in programmable gain amplifiers
(PGAs), internal reference, and an onboard oscillator.
The ADS129x and ADS129xR incorporate all of the features that are commonly required in medical
electrocardiogram (ECG) and electroencephalogram
(EEG) applications. With high levels of integration
and exceptional performance, the ADS129x and
ADS129xR enables the development of scalable
medical instrumentation systems at significantly reduced size, power, and overall cost.
The ADS129x and ADS129xR have a flexible input
multiplexer (mux) per channel that can be
independently connected to the internally-generated
signals for test, temperature, and lead-off detection.
Additionally, any configuration of input channels can
be selected for derivation of the right leg drive (RLD) output signal. The ADS129x and ADS129xR operate
at data rates as high as 32 kSPS, thereby allowing
the implementation of software pace detection. Lead•
off detection can be implemented internal to the
device, either with a pullup or pulldown resistor, or an excitation current sink or source. Three integrated
amplifiers generate the Wilson central terminal (WCT)
and the Goldberger central terminals (GCT) required
for a standard 12-lead ECG. The ADS129xR versions
include a fully integrated, respiration impedance
measurement function. Multiple ADS129x and
ADS129xR devices can be cascaded in high channel
count systems in a daisy-chain configuration.
Package options include a tiny 8-mm × 8-mm,
64-ball BGA, and a TQFP-64. The ADS129x BGA
version is specified over the commercial temperature
range of 0°C to 70°C. The ADS129xR BGA and
ADS129x TQFP versions are specified over the
industrial temperature range of –40°C to +85°C.




Similar Part No. - ADS1194

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1194 TI-ADS1194 Datasheet
962Kb / 73P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI-ADS1194 Datasheet
964Kb / 75P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI-ADS1194 Datasheet
1Mb / 80P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI-ADS1194 Datasheet
1Mb / 73P
Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194 Datasheet
1Mb / 87P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Similar Description - ADS1194

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS129X TI-ADS129X Datasheet
2Mb / 110P
ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
JANUARY 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com