Electronic Components Datasheet Search
  English  ▼

X  

ADS131A02 Datasheet (PDF) - Texas Instruments

ADS131A02 Datasheet PDF - Texas Instruments
Part # ADS131A02
Download  ADS131A02 Download
File Size   2227.44 Kbytes
Page   95 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS131A0x 2- or 4-Channel, 24-Bit, 128-kSPS, Simultaneous-Sampling, Delta-Sigma ADC

ADS131A02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS131A02 Datasheet PDF - Texas Instruments

Part # ADS131A02
Download  ADS131A02 Click to download

File Size   2227.44 Kbytes
Page   95 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS131A0x 2- or 4-Channel, 24-Bit, 128-kSPS, Simultaneous-Sampling, Delta-Sigma ADC

ADS131A02 Datasheet (HTML) - Texas Instruments


ADS131A02 Product details

1 Features
1• 2 or 4 simultaneous-sampling differential inputs
• Data rates up to 128 kSPS
• High performance:
– Single-channel accuracy: better than 0.1% at
10,000:1 dynamic range
– Effective resolution: 20.6 bits at 8 kSPS
– THD: –100 dB at 50 Hz and 60 Hz
• Integrated negative charge pump allows absolute
input voltages below ground
• Flexible analog power-supply operation:
– Using negative charge pump: 3.0 V to 3.45 V
– Unipolar supply: 3.3 V to 5.5 V
– Bipolar supply: ±2.5 V
• Digital supply: 1.65 V to 3.6 V
• Low-drift internal voltage reference: 6 ppm/°C
• ADC self checks
• Cyclic redundancy check (CRC) and hamming
code error correction on communications
• Multiple SPI data interface modes:
– Asynchronous interrupt
– Synchronous master and slave
• Package: 32-pin TQFP
• Operating temperature range:
–40°C to +125°C

2 Applications
• Electricity meters: commercial and residential
• Circuit breakers
• Battery test equipment
• Battery management systems
• Data acquisition systems

3 Description
The ADS131A02 and ADS131A04 devices are twoand
four-channel, simultaneous-sampling, 24-bit,
delta-sigma (ΔΣ), analog-to-digital converters (ADCs).
The wide dynamic range, with scalable data rates up
to 128 kSPS, and internal fault monitors make the
ADS131A02 or ADS131A04 a good choice when
designing for energy monitoring, grid protection, and
control applications. The ADC inputs can be
independently and directly interfaced to a resistordivider
network, a current transformer, or a Rogowski
coil to measure voltage or current. Flexible powersupply
options, including an internal negative charge
pump, are available to maximize the effective
resolution for high dynamic range applications.
Asynchronous and synchronous master and slave
interface options are available, providing ADC
configuration flexibility when chaining multiple devices
in a single system. Several interface checks, ADC
startup checks, and data integrity checks can be
enabled on the interface to report errors in the ADC
and during data transfer.
The complete analog front-end (AFE) solutions are
packaged in a 32-pin TQFP package and are
specified over the industrial temperature range of
–40°C to +125°C.




Similar Part No. - ADS131A02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131A02 TI1-ADS131A02 Datasheet
1Mb / 85P
2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
ADS131A02IPBS TI1-ADS131A02IPBS Datasheet
1Mb / 85P
2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
ADS131A02IPBSR TI1-ADS131A02IPBSR Datasheet
1Mb / 85P
2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
More results


Similar Description - ADS131A02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Texas Instruments
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131M04-Q1 TI-ADS131M04-Q1 Datasheet
2Mb / 91P
ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS131M02-Q1 TI-ADS131M02-Q1 Datasheet
2Mb / 84P
ADS131M02-Q1 Automotive, 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
ADS131M04-Q1 TI-ADS131M04-Q1_V01 Datasheet
2Mb / 93P
ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS131M08-Q1 TI-ADS131M08-Q1 Datasheet
2Mb / 101P
ADS131M08-Q1 Automotive, 8-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
ADS131M03-Q1 TI-ADS131M03-Q1 Datasheet
2Mb / 88P
ADS131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com