Electronic Components Datasheet Search
  English  ▼

X  

ADC3681IRSBT Datasheet (PDF) - Texas Instruments

ADC3681IRSBT Datasheet PDF - Texas Instruments
Part # ADC3681IRSBT
Download  ADC3681IRSBT Download
File Size   5989.43 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC

ADC3681IRSBT Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3681IRSBT Datasheet PDF - Texas Instruments

Part # ADC3681IRSBT
Download  ADC3681IRSBT Click to download

File Size   5989.43 Kbytes
Page   91 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC

ADC3681IRSBT Datasheet (HTML) - Texas Instruments


ADC3681IRSBT Product details

1 Features
• Dual channel ADC
• 18-bit 10, 25, 65 MSPS ADC
• Noise floor: -160 dBFS/Hz
• Low power and optimized power scaling:
53 mW/ch (10 MSPS) to 94 mW/ch (65 MSPS)
• Latency: 1-2 clock cycles
• 18-bit, no missing codes
• INL/DNL: ±7/ ±0.7 LSB (typical)
• Reference: external or internal
• Input bandwidth: 900 MHz (3-dB)
• Industrial temperature range: -40 to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Small footprint: 40-QFN (5x5 mm) package
• Spectral performance (fIN = 5 MHz):
– SNR: 83.8 dBFS
– SFDR: 89 dBc HD2, HD3
– SFDR: 101 dBFS Worst spur
• Spectral performance (fIN = 20 MHz):
– SNR: 82.6 dBFS
– SFDR: 85 dBc HD2, HD3
– SFDR: 97 dBFS Worst spur

2 Applications
• High-speed data acquisition
• Industrial monitoring
• Software defined radio
• Power quality analyzer
• Source measurement unit (SMU)
• Communications infrastructure
• Spectrum analyzer
• Control loops
• Instrumentation
• Imaging
• Spectroscopy
• Radar

3 Description
The ADC3681, 82, 83 (ADC368x) is a low noise, ultralow
power 18-bit 65 MSPS high-speed dual channel
ADC family. Designed for lowest noise performance,
it delivers a noise spectral density of -160 dBFS/Hz
combined with excellent linearity and dynamic range.
The ADC368x offers excellent DC precision together
with IF sampling support which makes it suited for a
wide range of applications. High-speed control loops
benefit from the short latency as low as only 1 clock
cycle. The ADC consumes only 94 mW/ch at 65 Msps
and its power consumption scales well with lower
sampling rates.
The ADC368x uses a serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports two-lane,
one-lane and half-lane options. The ADC36xx is a
pin to pin compatible family of ADCs with 16 and
18-bit resolution and different speed grades. It comes
in a 40-pin QFN package (5 x 5mm) and supports
the extended industrial temperature range from -40 to
+105⁰C.




Similar Part No. - ADC3681IRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3681IRSBT TI-ADC3681IRSBT Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
More results


Similar Description - ADC3681IRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 73P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com