Electronic Components Datasheet Search
  English  ▼

X  

TLV320ADC5140 Datasheet (PDF) - Texas Instruments

TLV320ADC5140 Datasheet PDF - Texas Instruments
Part # TLV320ADC5140
Download  TLV320ADC5140 Download
File Size   3911.02 Kbytes
Page   127 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC

TLV320ADC5140 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320ADC5140 Datasheet PDF - Texas Instruments

Part # TLV320ADC5140
Download  TLV320ADC5140 Click to download

File Size   3911.02 Kbytes
Page   127 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC

TLV320ADC5140 Datasheet (HTML) - Texas Instruments


TLV320ADC5140 Product details

1 Features
1• Multichannel high-performance ADC:
– 4-channel analog microphones or line-in,
– 8-channel digital PDM microphones, or
– Combination of analog and digital microphones
• ADC line and microphone differential input
performance:
– Dynamic range (DR):
– 123-dB, dynamic range enhancer (DRE)
enabled
– 113-dB, DRE disabled
– THD+N: –98 dB
• ADC channel summing mode, DR performance:
– 116-dB, DRE disabled, 2-channel summing
– 119-dB, DRE disabled, 4-channel summing
• ADC input voltage:
– Differential, 2-VRMS full-scale inputs
– Single-ended, 1-VRMS full-scale inputs
• ADC sample rate (fS) = 8 kHz to 768 kHz
• Programmable channel settings:
– Channel gain: 0 dB to 42 dB, 1-dB steps
– Digital volume control: –100 dB to 27 dB
– Gain calibration with 0.1-dB resolution
– Phase calibration with 163-ns resolution
• Programmable microphone bias or supply voltage
generation
• Low-latency signal processing filter selection
• Programmable HPF and biquad digital filters
• Automatic gain controller (AGC)
• I2C or SPI controls
• Integrated high-performance audio PLL
• Automatic clock divider setting configurations
• Audio serial data interface:
– Format: TDM, I2S, or left-justified (LJ)
– Word length: 16 bits, 20 bits, 24 bits, or 32 bits
– Master or slave interface
• Single-supply operation: 3.3 V or 1.8 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 1.8-V AVDD supply:
– 8.5 mW/channel at 16-kHz sample rate
– 9.2 mW/channel at 48-kHz sample rate

2 Applications
• Microphone array systems
• Voice-activated digital assistants
• Teleconferencing systems
• Security and surveillance systems

3 Description
The TLV320ADC6140 is a Burr-Brown™ highperformance,
audio analog-to-digital converter (ADC)
that supports simultaneous sampling of up to four
analog channels or eight digital channels for the
pulse density modulation (PDM) microphone input.
The device supports line and microphone inputs, and
allows for both single-ended and differential input
configurations. The device integrates programable
channel gain, digital volume control, a programmable
microphone bias voltage, a phase-locked loop (PLL),
a programmable high-pass filter (HPF), biquad filters,
low-latency filter modes, and allows for sample rates
up to 768 kHz. The device supports time-division
multiplexing (TDM), I2S, or left-justified (LJ) audio
formats, and can be controlled with either the I2C or
SPI interface. These integrated high-performance
features, along with the ability to be powered from a
single-supply of 3.3 V or 1.8 V, make the device an
excellent choice for space-constrained audio systems
in far-field microphone recording applications.
The TLV320ADC6140 is specified from –40°C to
+125°C, and is offered in a 24-pin WQFN package.




Similar Part No. - TLV320ADC5140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC5140 TI1-TLV320ADC5140 Datasheet
2Mb / 122P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140 Datasheet
3Mb / 124P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140 Datasheet
4Mb / 122P
PCM3140-Q1 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
DECEMBER 2023
TLV320ADC5140IRTWR TI1-TLV320ADC5140IRTWR Datasheet
3Mb / 124P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140IRTWT TI1-TLV320ADC5140IRTWT Datasheet
3Mb / 124P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results


Similar Description - TLV320ADC5140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC6140 TI1-TLV320ADC6140 Datasheet
2Mb / 122P
TLV320ADC6140 Quad-Channel, 768-kHz, Burr-Brown Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5140 TI1-TLV320ADC5140_V01 Datasheet
3Mb / 124P
TLV320ADC5140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6140 TI1-TLV320ADC6140_V01 Datasheet
3Mb / 124P
TLV320ADC6140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3120 TI-TLV320ADC3120 Datasheet
4Mb / 118P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120 Datasheet
4Mb / 120P
TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3120 TI-TLV320ADC3120_V01 Datasheet
5Mb / 120P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120_V01 Datasheet
5Mb / 130P
TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120_V01 Datasheet
5Mb / 130P
TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com