Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G3157DBVR.B Datasheet (PDF) - Texas Instruments

SN74LVC1G3157DBVR.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G3157DBVR.B
Download  SN74LVC1G3157DBVR.B Download
File Size   3288.12 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G3157 Single-Pole Double-Throw Analog Switch

SN74LVC1G3157DBVR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G3157DBVR.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G3157DBVR.B
Download  SN74LVC1G3157DBVR.B Click to download

File Size   3288.12 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G3157 Single-Pole Double-Throw Analog Switch

SN74LVC1G3157DBVR.B Datasheet (HTML) - Texas Instruments


SN74LVC1G3157DBVR.B Product details

1 Features
• ESD protection exceeds JESD 22
– 2000V Human Body Model (A114-A)
– 1000V Charged-Device Model (C101)
• 1.65V to 5.5V VCC operation
• Qualified for 125°C operation
• Specified break-before-make switching
• Rail-to-rail signal handling
• Operating frequency typically 340MHz at room
temperature
• High speed, typically 0.5ns (VCC = 3V, CL = 50pF)
• Low ON-state resistance, typically approximately
6Ω (VCC = 4.5V)
• Latch-up performance exceeds 100mA Per JESD
78, class II

2 Applications
• Wearables and mobile devices
• Portable computing
• Internet of things (IoT)
• Audio signal routing
• Remote radio unit
• Portable medical equipment
• Surveillance
• Home automation
• I2C/SPI/UART bus multiplexing
• Wireless charging

3 Description
This single channel single-pole double-throw (SPDT)
analog switch is designed for 1.65V to 5.5V VCC
operation.
The SN74LVC1G3157 device handles both analog
and digital signals. The SN74LVC1G3157 device
allows signals with amplitudes of up to VCC (peak) to
be transmitted in either direction.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.




Similar Part No. - SN74LVC1G3157DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
313Kb / 16P
SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 30P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Similar Description - SN74LVC1G3157DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI-SN74LVC1G3157_15 Datasheet
1Mb / 35P
SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_16 Datasheet
1Mb / 35P
SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Rev 2
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
Single-Pole Double-Throw Analog Switch
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com