Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G17 Datasheet (PDF) - Texas Instruments

SN74LVC1G17 Datasheet PDF - Texas Instruments
Part # SN74LVC1G17
Download  SN74LVC1G17 Download
File Size   1946.77 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer

SN74LVC1G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G17 Datasheet PDF - Texas Instruments

Part # SN74LVC1G17
Download  SN74LVC1G17 Click to download

File Size   1946.77 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer

SN74LVC1G17 Datasheet (HTML) - Texas Instruments


SN74LVC1G17 Product details

1 Features
• Qualified for automotive applications
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Maximum tpd of 8ns at 3.3V
• Low power consumption, 20μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports live insertion, partial-power-down
mode, and back-drive protection
• ESD protection exceeds JEDEC JS-001
– 2000V human-body model
– 1000V charged-device model

2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• MP3 player/recorder
• Personal Digital Assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid State Drive (SSD): client and enterprise
• TV: LCD/digital and high-definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse

3 Description
This single Schmitt-trigger buffer is designed for
1.65V to 5.5V VCC operation.
The SN74LVC1G17-Q1 device contains one buffer
and performs the Boolean function Y = A.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC operating range.
The SN74LVC1G17-Q1 is available in a variety of
packages.




Similar Part No. - SN74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17 Datasheet
486Kb / 17P
SINGLE SCHMITT TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17 Datasheet
762Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI1-SN74LVC1G17 Datasheet
1Mb / 24P
SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer
More results


Similar Description - SN74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI1-SN74LVC1G17_16 Datasheet
1Mb / 39P
SN74LVC1G17 Single Schmitt-Trigger Buffer
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI1-SN74LVC1G17-Q1_V01 Datasheet
1Mb / 24P
SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com