Electronic Components Datasheet Search
  English  ▼

X  

221551-3 Datasheet (PDF) - TE Connectivity Ltd

221551-3 Datasheet PDF - TE Connectivity Ltd
Part # 221551-3
Download  221551-3 Download
File Size   989.12 Kbytes
Page   34 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description BNC Connectors (50 ohm/75 ohm)

221551-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
221551-3 Datasheet PDF - TE Connectivity Ltd

Part # 221551-3
Download  221551-3 Click to download

File Size   989.12 Kbytes
Page   34 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description BNC Connectors (50 ohm/75 ohm)

221551-3 Datasheet (HTML) - TE Connectivity Ltd


221551-3 Product details

Product Facts
■ Bayonet lock coupling for
quick connect/disconnect
■ Various connectors available
in 50 and 75 ohm versions
■ Fully intermateable with
comparable BNC UG/U
connectors
■ Full range of Hex Crimp
and O Crimp Products for
common coaxial cables.
■ Low VSWR
■ Single crimp connectors
offer one crimping operation
for fast application
■ Twist-on connectors require
no special tooling for
application to the cable
■ Field serviceable (Category
A) connectors qualified to
MIL-C-39012
■ Field replaceable (Category
C) plugs with captivated
center contact
■ Field replaceable plugs can
be terminated with industry
standard tooling
■ Tarnish resistant Nickel
finish available
■ Choice of different dielectrics
■ Listed under the Component
Program of Underwriters
Laboratories Inc.,
File No. E81956
■ PC Board soldered
connectors are recognized
under the Component
Program of Underwriters
Laboratories Inc.,
File No. E81956
■ Certified by Canadian
Standards
Association
File No. LR 7189




Similar Part No. - 221551-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
221551-3 TEC-221551-3 Datasheet
988Kb / 34P
RF Coax Connectors
More results


Similar Description - 221551-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
Pasternack Enterprises,...
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
BNC Connectors, 50 Ohm
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
Mini BNC Connectors, 75 Ohm
logo
Pasternack Enterprises,...
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com