Electronic Components Datasheet Search
  English  ▼

X  

UCC25661 Datasheet (PDF) - Texas Instruments

UCC25661 Datasheet PDF - Texas Instruments
Part # UCC25661
Download  UCC25661 Download
File Size   3795.07 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC25661x-Q1 Family 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency

UCC25661 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC25661 Datasheet PDF - Texas Instruments

Part # UCC25661
Download  UCC25661 Click to download

File Size   3795.07 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC25661x-Q1 Family 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency

UCC25661 Datasheet (HTML) - Texas Instruments


UCC25661 Product details

1 Features
• Full-load switching frequency: 50kHz to 750kHz
• IPPC control enables wide input and output LLC
(WLLC) operation
• Enhanced light load management:
– High-frequency pulse skip for improved light
load efficiency
– Low-frequency burst for low standby power
– Audible frequency range skip for reduced
audible noise
– Integrated PFC on/off control signal to help
further reduce standby power (UCC256614-Q1)
• Internal resonant-capacitor voltage synthesizer
for enhanced signal reliability and high start-up
frequency support
• Zero current switching (ZCS) avoidance to
eliminate capacitive region operation
• Adaptive soft start with minimized inrush current
• Integrated high-voltage start-up (UCC256612-Q1
and UCC256614-Q1)
• Integrated gate driver: +0.6A and –1.2A
• Complete protections
– Overcurrent protection (OCP): 50ns, cycle-bycycle
current limit
– Overvoltage protection (OVP), internal and
external overtemperature protection (OTP)
– Input and VCCP UVLO with internal 19V VCCP
Clamp
– Independently configured OCP and
overload protection (OLP) (UCC256612-Q1,
UCC256613-Q1, and UCC256614-Q1)
• SOIC-14 package with removed pins for highvoltage
clearance

2 Applications
• Cell monitor unit and battery junction box
• HEV/EV OBC and DC/DC converter
• EV charging infrastructure
• HEV/EV inverter and motor control
• Zone and body domain controller

3 Description
The UCC25661x-Q1 family is a high-frequency LLC
controller that implements a input-power proportional
control (IPPC) scheme, along with enhanced lightload
management and multiple protection features.
IPPC widens the control range of the LLC converter
and simplifies the design of wide input applications,
such as high voltage to low voltage (HV-LV)
redundant auxiliary, key-off, and bias isolated power
supplies. IPPC simplifies the design of wide output
applications, such as light electric vehicle battery
chargers (scooters, mopeds, golf carts, and fork lifts).
The UCC25661x-Q1 family has enhanced light-load
management that improves efficiency and minimizes
audible noise. To minimize standby power in charger
applications, the UCC25661x-Q1 family directly
disables the PFC controller when operating in burst
mode.
The automatic capacitive region avoidance scheme,
along with the adaptive soft start with a reverse
recovery avoidance scheme, establishes that the
device never works in a mode where there is
a potential to damage the FETs. Because of the
automatic capacitive region avoidance scheme, the
controller works best with a prebiased load.
The UCC25661x-Q1 family comes with robust
protection for designing a reliable power supply. The
UCC25661x-Q1 family has options supporting various
features, see details in the Device Comparison table.




Similar Part No. - UCC25661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25661 TI2-UCC25661 Datasheet
3Mb / 61P
UCC25661 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
REVISED SEPTEMBER 2025
UCC25661-Q1 TI2-UCC25661-Q1 Datasheet
3Mb / 61P
UCC25661 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
REVISED SEPTEMBER 2025
UCC25661-Q1 TI2-UCC25661-Q1 Datasheet
3Mb / 57P
UCC25661x-Q1 Family 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
REVISED SEPTEMBER 2025
UCC25661-Q1 TI2-UCC25661-Q1_V01 Datasheet
3Mb / 57P
UCC25661x-Q1 Family 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
REVISED SEPTEMBER 2025
UCC256610DDBR TI2-UCC256610DDBR Datasheet
3Mb / 61P
UCC25661 750kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
REVISED SEPTEMBER 2025
More results


Similar Description - UCC25661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC256304 TI1-UCC256304 Datasheet
1Mb / 72P
Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
LM5123-Q1 TI-LM5123-Q1 Datasheet
1Mb / 37P
LM5123-Q1 2.2-MHz Wide VIN Low-IQ Synchronous Boost Controller with VOUT Tracking
LM5150-Q1 TI-LM5150-Q1_V01 Datasheet
1Mb / 43P
LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI-LM51501-Q1_V01 Datasheet
1Mb / 43P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
LM51231-Q1 TI-LM51231-Q1 Datasheet
1Mb / 42P
LM51231-Q1 2.2-MHz Wide VIN Synchronous Boost Controller with VOUT Tracking
OCTOBER 2022
LM51501-Q1 TI-LM51501-Q1_V02 Datasheet
1Mb / 53P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM5150-Q1 TI-LM5150-Q1_V02 Datasheet
1Mb / 54P
LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
UCC25660 TI-UCC25660 Datasheet
2Mb / 64P
UCC25660 750-kHz Wide VIN/VOUT Range LLC Controller Optimized for Light-Load Efficiency
OCTOBER 2023
LMR36500 TI-LMR36500 Datasheet
3Mb / 51P
LMR36500 3-V to 65-V, 50-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
NOVEMBER 2023
LMR36500 TI1-LMR36500 Datasheet
3Mb / 54P
LMR36500 3-V to 65-V, 50-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com