Electronic Components Datasheet Search
  English  ▼

X  

OPA810-Q1 Datasheet (PDF) - Texas Instruments

OPA810-Q1 Datasheet PDF - Texas Instruments
Part # OPA810-Q1
Download  OPA810-Q1 Download
File Size   2311.99 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier

OPA810-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA810-Q1 Datasheet PDF - Texas Instruments

Part # OPA810-Q1
Download  OPA810-Q1 Click to download

File Size   2311.99 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier

OPA810-Q1 Datasheet (HTML) - Texas Instruments


OPA810-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature: –40°C to +125°C, TA
• Gain-bandwidth product: 70MHz
• Small-signal bandwidth: 140MHz
• Slew rate: 200V/μs
• Wide supply range: 4.75V to 27V
• Low noise:
– Input voltage noise: 6.3nV/√Hz (f = 500kHz)
– Input current noise: 5fA/√Hz (f = 10kHz)
• Rail-to-rail input and output:
– FET input stage: 2pA input bias current (typical)
– High linear output current: 75mA
• Input offset: ±550μV (maximum)
• Offset drift: ±2.5μV/°C (typical)
• Low power: 3.7mA/channel

2 Applications
• Multichannel sensor interfaces
• Optoelectronic drivers
• Low-side current sensing
• DC/DC converters
• Inverter and motor control
• Onboard and wireless chargers
• HAVC compressors
• Photodiode TIA interface
• Head-up display (HUD)
• Automotive display

3 Description
The OPA810-Q1 is a single-channel, field-effect
transistor (FET) input, voltage-feedback operational
amplifier (op amp) with bias current in the picoampere
(pA) range. The OPA810-Q1 is unity-gain stable
with a small-signal, unity-gain bandwidth of 140MHz,
and offers excellent dc precision and dynamic ac
performance at a low quiescent current (IQ) of 3.7mA
per channel. The OPA810-Q1 is fabricated on Texas
Instruments' proprietary, high-speed SiGe BiCMOS
process and achieves significant performance
improvements over comparable FET-input amplifiers
at similar levels of quiescent power. With a gainbandwidth
product (GBWP) of 70MHz, slew rate of
200V/μs, and low-noise voltage of 6.3nV/√Hz, the
OPA810-Q1 is designed for use in a wide range
of high-fidelity data-acquisition and signal-processing
applications.
The OPA810-Q1 features rail-to-rail inputs and
outputs, and delivers 75mA of linear output current
designed to drive optoelectronic components and
analog-to-digital converter (ADC) inputs or buffer
digital-to-analog converter (DAC) outputs into heavy
loads.
The OPA810-Q1 is specified over the extended
industrial temperature range of –40°C to +125°C. The
OPA810-Q1 is available in SOT-23 package.




Similar Part No. - OPA810-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA810-Q1 TI2-OPA810-Q1 Datasheet
3Mb / 52P
OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
REVISED AUGUST 2024
More results


Similar Description - OPA810-Q1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
1A Rail-to-Rail Input-Output Operational Amplifier
June 3, 2009
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com