Electronic Components Datasheet Search
  English  ▼

X  

TPSM843521 Datasheet (PDF) - Texas Instruments

TPSM843521 Datasheet PDF - Texas Instruments
Part # TPSM843521
Download  TPSM843521 Download
File Size   2125.31 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode

TPSM843521 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM843521 Datasheet PDF - Texas Instruments

Part # TPSM843521
Download  TPSM843521 Click to download

File Size   2125.31 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode

TPSM843521 Datasheet (HTML) - Texas Instruments


TPSM843521 Product details

1 Features
• Configured for a wide range of applications
– 3.8V to 18V input voltage range
– 0.6V to 9V output voltage range
– Up to 5A continuous output current
– 0.6V ±1% reference voltage (–40°C to 125°C)
– Low quiescent current of 28uA (typical)
– 70ns, 114ns minimum switching on, off-time
– 8us maximum switching on-time
– 98% maximum duty cycle
• Ease of use and small design size
– Peak current control mode with internal
compensation
– 200kHz to 2.2MHz selectable frequency
– Synchronizable to an external clock (support
phase shift): 200kHz to 2.2MHz
– Selectable PFM / FCCM at light load condition
– Selectable adjustable soft-start time,
power-good indicator function
– Good EMI performance with frequency spread
spectrum and optimized pinout
– Hiccup overcurrent (OC) limit for both high-side
and low-side MOSFETs
– Non-latched protections for overtemperature
protection (OTP), overcurrent protection (OCP),
overvoltage protection (OVP), undervoltage
protection (UVP), and undervoltage lockout
(UVLO)
– Integrated bootstrap capacitor and inductor to
support easy PCB layout
– Operating junction temperature of –40°C to
125°C
– 3.3mm × 4.5mm × 2mm QFN package
• Create a custom design with the TPSM843521
using the WEBENCH® Power Designer

2 Applications
• Medical and healthcare
• Test and measurement
• Building automation
• Wired networking, wireless infrastructure
• Distributed power systems with 5V and 12V input

3 Description
The TPSM843521 is a high-efficiency, high-power
density, and easy-to-use, synchronous buck power
module with high design flexibility. With operating
input voltage ranging from 3.8V to 18V, the
TPSM843521 is designed for systems powered from
5V, 12V power-bus rails. The device supports up to
5A continuous output current and 98% maximum duty
cycle.
TPSM843521 uses fixed frequency peak current
control with internal compensation for fast transient
response and good line and load regulation. With
the optimized internal loop compensation, the device
eliminates the need for external compensation over a
wide output voltage range and switching frequency.




Similar Part No. - TPSM843521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM843521 TI2-TPSM843521 Datasheet
2Mb / 41P
TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
APRIL 2025
TPSM843521RCJR TI2-TPSM843521RCJR Datasheet
2Mb / 41P
TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
APRIL 2025
TPSM843521RCJR.A TI2-TPSM843521RCJR.A Datasheet
2Mb / 41P
TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
APRIL 2025
TPSM843521 TI2-TPSM843521_V01 Datasheet
2Mb / 41P
TPSM843521 3.8V to 18V, 5A, Synchronous Buck Power Module With User Selectable Mode
APRIL 2025
More results


Similar Description - TPSM843521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Diodes Incorporated
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64501 DIODES-AP64501 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64502 DIODES-AP64502 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 April 2021
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com