Electronic Components Datasheet Search
  English  ▼

X  

TPS2HC08-Q1 Datasheet (PDF) - Texas Instruments

TPS2HC08-Q1 Datasheet PDF - Texas Instruments
Part # TPS2HC08-Q1
Download  TPS2HC08-Q1 Download
File Size   1860.48 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2HC08-Q1 9.4mΩ Dual-Channel Automotive Smart High-Side Switch

TPS2HC08-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2HC08-Q1 Datasheet PDF - Texas Instruments

Part # TPS2HC08-Q1
Download  TPS2HC08-Q1 Click to download

File Size   1860.48 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2HC08-Q1 9.4mΩ Dual-Channel Automotive Smart High-Side Switch

TPS2HC08-Q1 Datasheet (HTML) - Texas Instruments


TPS2HC08-Q1 Product details

1 Features
• Dual-Channel smart high-side switch with full
diagnostics
– Control using GPIO pins
– Open-drain status output
– Current sense analog output, <±2.5% at ≥ 1A
• Wide operating voltage 3V to 28V
• Low RON: 9.4mΩ typical, 19mΩ max
• Ultra-low standby current, <1.5μA
• Adjustable current limit with and without thermal
regulation
– Current limit range: 7.5A to 30A
• Protection
– Overload and short-circuit protection
– Undervoltage lockout (UVLO)
– Thermal shutdown and swing with self recovery
– Integrated output clamp to demagnetize
inductive loads
– Loss-of-GND, loss-of-battery, and reverse
battery protection
• Diagnostics
– Global fault report for fast interrupt
– Overcurrent and short-to-ground detection
– Open-load and short-to-battery detection
• Qualified for automotive applications
– AEC-Q100 qualified with the following results:
• Temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Electrical transient disturbance immunity
certification of ISO7637-2 and ISO16750-2
• Small footprint: 11-pin QFN 2.2mm × 3.6mm,
0.55mm pitch

2 Applications
• Incandescent and LED lighting
• Body control module
• Zone control module

3 Description
TPS2HC08-Q1 is a dual-channel, smart high-side
switch, with integrated NMOS power FETs and charge
pump, designed to meet the requirements of 12V
automotive battery systems. The low RON (9.4mΩ)
minimizes device power dissipation when driving a
wide range of output load current up to 7.5A DC when
both channels are enabled or 10A DC when only one
channel is enabled.
The device integrates protection features such as
thermal shutdown, output clamp, and current limit.
TPS2HC08-Q1 implements an adjustable current
limiting circuit that improves the reliability of the
system by reducing inrush current when driving large
capacitive loads and minimizing overload current. The
adjustable current limit can be adjusted from (7.5A to
30A) using an external resistor on the ILIM pin. The
devices offers current limit settings with and without
thermal regulation. The thermal regulated current limit
can be useful when charging large capacitors at startup.
The current limit setting without thermal regulation
is useful for loads such motor stall currents or bulb
loads.
The device also provides an accurate load current
sense that allows for improved load diagnostics such
as overload and open-load detection enabling better
predictive maintenance. TPS2HC08-Q1 is available in
a 11-pin, 2.2mm × 3.6mm QFN leaded package with
0.55mm pin pitch minimizing the PCB footprint.




Similar Part No. - TPS2HC08-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2HC08-Q1 TI2-TPS2HC08-Q1 Datasheet
6Mb / 68P
TPS1HC04-Q1 4.9mΩ Single-Channel Automotive Smart High-Side Switch
DECEMBER 2025
TPS2HC08-Q1 TI2-TPS2HC08-Q1 Datasheet
5Mb / 66P
TPS1HC08-Q1 9.8mΩ Single-Channel Automotive Smart High-Side Switch
DECEMBER 2025
TPS2HC08-Q1 TI2-TPS2HC08-Q1 Datasheet
5Mb / 70P
TPS2HC16-Q1 18.7mΩ Dual-Channel Automotive Smart High-Side Switch
DECEMBER 2025
TPS2HC08-Q1 TI2-TPS2HC08-Q1 Datasheet
7Mb / 76P
TPS2HC08-Q1 9.5mΩ Dual-Channel Automotive Smart High-Side Switch
REVISED DECEMBER 2025
TPS2HC08-Q1 TI2-TPS2HC08-Q1 Datasheet
6Mb / 73P
TPS1HC03-Q1 3.2mΩ Single-Channel Automotive Smart High-Side Switch
JULY 2026
More results


Similar Description - TPS2HC08-Q1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
Dual Channels Smart High-Side Power Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V02 Datasheet
1Mb / 58P
TPS2HB35-Q1 40-V, 35-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
logo
Texas Instruments
TPS27SA08-Q1 TI-TPS27SA08-Q1 Datasheet
2Mb / 51P
TPS27SA08-Q1 24-V, 10-A, Single-Channel Automotive Smart High Side Switch
TPS1HC100-Q1 TI-TPS1HC100-Q1 Datasheet
2Mb / 56P
TPS1HC100-Q1, 100-m廓, 2.5-A Single-Channel Automotive Smart High-Side Switch
DECEMBER 2021
TPS1HC30-Q1 TI-TPS1HC30-Q1 Datasheet
2Mb / 45P
TPS1HC30-Q1, 30-mΩ, 5-A, Single-Channel Automotive Smart High Side Switch
JULY 2022
TPS1HC30-Q1 TI-TPS1HC30-Q1_V01 Datasheet
2Mb / 55P
TPS1HC30-Q1, 30-mΩ, 5-A, Single-Channel Automotive Smart High Side Switch
REVISED DECEMBER 2022
TPS1HTC30-Q1 TI-TPS1HTC30-Q1 Datasheet
2Mb / 43P
TPS1HTC30-Q1, 30-mΩ, 6-A Single-Channel Automotive Smart High-Side Switch
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com