Electronic Components Datasheet Search
  English  ▼

X  

LMK1C1104A Datasheet (PDF) - Texas Instruments

LMK1C1104A Datasheet PDF - Texas Instruments
Part # LMK1C1104A
Download  LMK1C1104A Download
File Size   1770.48 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1C110xA 1.8V, 2.5V, and 3.3V Low Noise Asynchronous LVCMOS Clock Buffer Family

LMK1C1104A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK1C1104A Datasheet PDF - Texas Instruments

Part # LMK1C1104A
Download  LMK1C1104A Click to download

File Size   1770.48 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK1C110xA 1.8V, 2.5V, and 3.3V Low Noise Asynchronous LVCMOS Clock Buffer Family

LMK1C1104A Datasheet (HTML) - Texas Instruments


LMK1C1104A Product details

1 Features
• High-performance 1:2, 1:3, 1:4, 1:6 and 1:8
LVCMOS clock buffer
• Very low output skew:
– LMK1C1102A, LMK1C1103A and
LMK1C1104A < 50ps
– LMK1C1106 and LMK1C1108 < 55ps
• Extremely low additive jitter:
– LMK1C1102A, LMK1C1103A and
LMK1C1104A
• 7.5fs typical at VDD = 3.3V
• 10fs typical at VDD = 2.5V
• 19.2fs typical at VDD = 1.8V
– LMK1C1106A and LMK1C1108A
• 12fs typical at VDD = 3.3V
• 15fs typical at VDD = 2.5V
• 28fs typical at VDD = 1.8V
• Very low propagation delay < 3ns
• Asynchronous output enable
• Supply voltage: 3.3V, 2.5V, or 1.8V
– Fail-safe inputs: 3.3V tolerant input at all supply
voltages
• fmax = 250MHz for 3.3V
fmax = 200MHz for 2.5V or 1.8V
• Operating temperature range: –40°C to 125°C

2 Applications
• Factory automation & control
• Telecommunications equipment
• Data center & enterprise computing
• Grid infrastructure
• 1PPS Applications
• Motor drives
• Medical imaging

3 Description
The LMK1C110xA is a modular, high-performance,
low-skew, general-purpose clock buffer family from
Texas Instruments. The entire family is designed with
a modular approach in mind. Five different fan-out
variations, 1:2, 1:3, 1:4, 1:6 and 1:8 are available.
All of the devices within this family are pin-compatible
to each other and backwards compatible to the
CDCLVC110x family for easy handling.
The LMK1C110xA supports a asynchronous output
enable control (1G) which switches the outputs into a
low state when 1G is low. Asynchronous enable and
disable is helpful for 1PPS applications and DC inputs
operations. These devices have a fail-safe input that
prevents oscillation at the outputs in the absence of
an input signal and allows for input signals before
VDD is supplied.




Similar Part No. - LMK1C1104A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1104 TI-LMK1C1104 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1104 TI-LMK1C1104 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1104 TI-LMK1C1104 Datasheet
910Kb / 7P
LMK1C1104 Low-Additive, Phase-Noise LVCMOS Clock Buffer Evaluation Board
REVISED DECEMBER 2020
More results


Similar Description - LMK1C1104A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com