Electronic Components Datasheet Search
  English  ▼

X  

TPS37102 Datasheet (PDF) - Texas Instruments

TPS37102 Datasheet PDF - Texas Instruments
Part # TPS37102
Download  TPS37102 Download
File Size   1557.14 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37100, TPS37102 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements

TPS37102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS37102 Datasheet PDF - Texas Instruments

Part # TPS37102
Download  TPS37102 Click to download

File Size   1557.14 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37100, TPS37102 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements

TPS37102 Datasheet (HTML) - Texas Instruments


TPS37102 Product details

1 Features
• SIL 3 Functional Safety-Compliant (Targeted for
TPS37102)
– Documentation to aid IEC 61508 system design
– Systematic capability up to SIL 3 targeted
– Hardware capability up to SIL 3 targeted
• Functional Safety-Capable (TPS37100)
– Documentation available to aid functional safety
system design
• Wide supply voltage range: 3V to 105V
• Low quiescent current: 5μA
• High threshold accuracy: 1.1% (maximum)
• -95V reverse polarity protection on SENSE
• 5μs fast UV/OV monitor for 24V/48V systems
• Integrated buffer (AOUT) for supply voltage
measurement with enable pin
• Fixed and programmable release time delay
• Fixed and programmable sense time delay
• Open-drain, active-low output: OUT A and OUT B
• BIST and Latch available for TPS37102

2 Applications
• Analog input module
• CPU (PLC controller)
• Servo drive control module
• Servo drive power stage module
• Servo drive functional safety module

3 Description
The TPS37100 and TPS37102 are 105V input voltage
supervisors with low quiescent current (5uA), fast
detection time, and an integrated buffer for supply
voltage measurements. This family of devices can
be connected directly to voltages or battery rails
up to 105V for continuous monitoring of over (OV)
or under (UV) voltage conditions. Wide hysteresis
voltage options are available to ignore false output
deassertions that are be caused by battery voltage
transients.
The TPS37100 and TPS37102 include two outputs
(OUT A and OUT B) that are used as separate
OV and UV fault monitors enabling system to take
different action based on the fault that occurs.
Additionally, the AOUT pin provides a scaled down
SENSE pin voltage output and is intended to be
sampled by ADC for supply voltage measurements.
The user can choose the scaling factor desired based
on the orderable part selected. The TPS37102 comes
with BIST which is implemented at start-up to verify
device health as well as an optional latching feature
on OUT A to help the system bring into a safe state
when critical faults occurs.




Similar Part No. - TPS37102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37102-Q1 TI-TPS37102-Q1 Datasheet
1Mb / 37P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
SEPTEMBER 2024
TPS37102-Q1 TI2-TPS37102-Q1 Datasheet
1Mb / 33P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
TPS37102-Q1 TI2-TPS37102-Q1 Datasheet
1Mb / 33P
TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
REVISED SEPTEMBER 2025
More results


Similar Description - TPS37102

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Texas Instruments
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3704 TI-TPS3704 Datasheet
3Mb / 37P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
JULY 2021
TPS3704 TI-TPS3704_V01 Datasheet
2Mb / 34P
TPS3704x Quad, Triple, Dual, Single Window or Standard Voltage Supervisor
DECEMBER 2021
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389C03-Q1 TI1-TPS389C03-Q1 Datasheet
5Mb / 88P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED SEPTEMBER 2023
TPS3704 TI1-TPS3704_V02 Datasheet
2Mb / 38P
TPS3704x Quad, Triple, Dual Window or Standard Voltage Supervisor
REVISED DECEMBER 2023
TPS389C03-Q1 TI1-TPS389C03-Q1_V01 Datasheet
6Mb / 104P
TPS389C03-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor with Q&A Watchdog
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com