Electronic Components Datasheet Search
  English  ▼

X  

TPS22991IC Datasheet (PDF) - Texas Instruments

TPS22991IC Datasheet PDF - Texas Instruments
Part # TPS22991IC
Download  TPS22991IC Download
File Size   1041.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22991I 5.5V, 2.7A, 28mΩ Load Switch Device With Small Plastic Package

TPS22991IC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22991IC Datasheet PDF - Texas Instruments

Part # TPS22991IC
Download  TPS22991IC Click to download

File Size   1041.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22991I 5.5V, 2.7A, 28mΩ Load Switch Device With Small Plastic Package

TPS22991IC Datasheet (HTML) - Texas Instruments


TPS22991IC Product details

1 Features
• Integrated single channel load switch
• Input voltage range: 1V to 5.5V
• Maximum continuous switch current: 2.7A
• Typical ON-resistance: 28mΩ
• Low quiescent current:
– IQ at 3.3V VIN = 6μA (typical)
• Ultra-low shutdown current:
– ISD at 3.3V VIN = 200nA (maximum)
• Controlled slew rate:
– Version B, BN: rise time (tR) at 3.3V VIN =
141μs
– Version C, CN: rise time (tR) at 3.3V VIN =
662μs
• Quick output discharge (QOD): 150Ω
• Thermal shutdown protection
• UQFN package: 0.85 × 0.75mm, 0.4mm pitch

2 Applications
• PC and notebooks
• Wearables
• Solid state drive (SSD)
• Industrial PC

3 Description
The TPS22991I is a small, low RON, single channel
load switch with controlled slew rate. The device
contains an N-channel MOSFET that operates over
an input voltage range of 1.0V to 5.5V and supports
a maximum continuous current of 3A. The switch is
controlled by an on and off input, which is capable of
interfacing directly with low-voltage control signals.
For space constrained, battery powered applications,
the device is suitable due to its small size and low
RON. The wide input voltage range of the switch
applies to many different voltage rails. The controlled
rise time of the device greatly reduces inrush current
caused by large bulk load capacitances, thereby
reducing or eliminating power supply droop. The
TPS22991I further reduces the total solution size by
integrating a 150Ω pulldown resistor for quick output
discharge (QOD) when the switch is turned off.
The TPS22991I is available in a small, space
saving 0.85mm × 0.75mm, 0.4mm pitch, 4-pin UQFN
package. The device is characterized for operation
over the free-air temperature range of –55°C to
+125°C.




Similar Part No. - TPS22991IC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22991 TI1-TPS22991 Datasheet
887Kb / 20P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
MAY 2024
TPS22991 TI1-TPS22991 Datasheet
968Kb / 23P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED AUGUST 2024
TPS22991 TI2-TPS22991 Datasheet
1Mb / 25P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
TPS22991 TI2-TPS22991 Datasheet
1Mb / 28P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
TPS22991B TI1-TPS22991B Datasheet
968Kb / 23P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED AUGUST 2024
More results


Similar Description - TPS22991IC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
Small Plastic Package, Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
USB/Charger Detection Device with Load Switch
logo
Pericom Semiconductor C...
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
Small Plastic Package, Quad SPDT Analog Switch
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
logo
Pericom Semiconductor C...
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
Small Plastic Package, Dual SPDT Analog Switch
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
Small Plastic Package, Dual SPDT Analog Switch
logo
Monolithic Power System...
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com