Electronic Components Datasheet Search
  English  ▼

X  

TMUX9612 Datasheet (PDF) - Texas Instruments

TMUX9612 Datasheet PDF - Texas Instruments
Part # TMUX9612
Download  TMUX9612 Download
File Size   1503.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX9612 220V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8V Logic

TMUX9612 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX9612 Datasheet PDF - Texas Instruments

Part # TMUX9612
Download  TMUX9612 Click to download

File Size   1503.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX9612 220V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8V Logic

TMUX9612 Datasheet (HTML) - Texas Instruments


TMUX9612 Product details

1 Features
• High supply voltage capable:
– Dual supply: ±10V to ±110V
– Single supply: 10V to 140V
– Asymmetric dual supply operation: between
+90V / –130V and 140V / -80V
• Consistent parametric across supply voltages
• Latch-up immune
• High continuous current: 200mA
• Low input leakage: 80pA at 25°C
• Low charge injection: –20pC
• Low off isolation & crosstalk: < –100dB
• Low On-Resistance flatness: 0.435Ω
• Low On-Resistance: 14Ω
• Low off-capacitance: 5pF
• Removes need for additional logic rail (VL)
• 1.8-V Logic capable
• Fail-safe logic: up to 48 V independent of supply
• Integrated Pull-Down resistor on logic pins
• Bidirectional signal path
• Wide operating temperature TA: –40°C to 125°C
• Industry-standard, small WQFN package

2 Applications
• High voltage bidirectional switching
• Analog and digital signal switching
• Semiconductor test equipment
• LCD test equipment
• Battery test equipment
• Data acquisition systems (DAQ)
• Digital multi-meter (DMM)
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules

3 Description
The TMUX9612 is a modern high voltage capable
analog switch with Latch-Up immunity. Each device
has four independently controllable 1:1, single-pole
single-throw (SPST) switch channels. The device
works well with dual supplies, a single supply, or
asymmetric supplies up to a maximum supply voltage
of 220V. The TMUX9612 device provides consistent
analog parametric performance across the entire
supply voltage range. The device also supports
bidirectional analog and digital signals on the source
(Sx) and drain (Dx) pins.
All logic inputs support logic levels of 1.8V, 3.3V, and
5V and can be connected as high as 48V, allowing for
system flexibility with control signal voltage. Fail-safe
logic circuitry allows voltages on the logic pins to be
applied before the supply pin, protecting the device
from potential damage.
The device provides Latch-Up immunity, preventing
undesirable high current events between parasitic
structures within the device. A Latch-Up condition
typically continues until the power supply rails are
turned off and can lead to device failure. The Latch-
Up immunity feature allows this family of multiplexers
to be used in harsh environments.




Similar Part No. - TMUX9612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX9616 TI-TMUX9616 Datasheet
1Mb / 32P
TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
SEPTEMBER 2023
TMUX9616 TI2-TMUX9616 Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616N TI2-TMUX9616N Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616NPTR TI2-TMUX9616NPTR Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616PTR TI-TMUX9616PTR Datasheet
1Mb / 32P
TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
SEPTEMBER 2023
More results


Similar Description - TMUX9612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX8211 TI-TMUX8211 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8211 TI1-TMUX8211_V01 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com