Electronic Components Datasheet Search
  English  ▼

X  

EMP25E12D Datasheet (PDF) - International Rectifier

EMP25E12D Datasheet PDF - International Rectifier
Part # EMP25E12D
Download  EMP25E12D Download
File Size   1039.93 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description NPT IGBTs 25A, 1200V

EMP25E12D Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP25E12D Datasheet PDF - International Rectifier

Part # EMP25E12D
Download  EMP25E12D Click to download

File Size   1039.93 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description NPT IGBTs 25A, 1200V

EMP25E12D Datasheet (HTML) - International Rectifier


EMP25E12D Product details

Description
The EMP25P12B is a Power Integrated Module for Motor Driver applications with embedded sensing resistors on all three-phase output currents.
Each sensing resistor’s head is directly bonded to an external pin to reduce parasitic effects and achieve high accuracy on feedback voltages.
Since their thermal coefficient is very low, no value compensation is required across the complete operating temperature range.
The device comes in the EMPTM package, fully compatible in length, width and height with EconoPack 2 outline.

EMP Features:
■ Power Module:
• NPT IGBTs 25A, 1200V
• 10us Short Circuit capability
    ◾ Square RBSOA
    ◾ Low Vce(on) (2.28Vtyp @ 25A, 25°C)
    ◾ Positive Vce(on) temperature coefficient
• Gen III HexFred Technology
    ◾ Low diode VF (1.76Vtyp @ 25A, 25°C)
    ◾ Soft reverse recovery
• 4mΩ sensing resistors on all phase outputs and DCbus minus rail
    ◾ Thermal coefficient < 50ppm/°C




Similar Part No. - EMP25E12D

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
17.0 - 20.0 GHz Surface-Mounted PA
More results


Similar Description - EMP25E12D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
1200V, 25A, Trench NPT IGBT
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
logo
Wuxi NCE Power Semicond...
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
1200V, 25A, Trench NPT IGBT
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
NPT IGBTs 25A, 1200V
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com