Electronic Components Datasheet Search
  English  ▼

X  

1410071 Datasheet (PDF) - PHOENIX CONTACT

1410071 Datasheet PDF - PHOENIX CONTACT
Part # 1410071
Download  1410071 Download
File Size   239.18 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description nullaCES-STPG-GY-2ASI-LL - Cable sleeve

1410071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1410071 Datasheet PDF - PHOENIX CONTACT

Part # 1410071
Download  1410071 Click to download

File Size   239.18 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description nullaCES-STPG-GY-2ASI-LL - Cable sleeve

1410071 Datasheet (HTML) - PHOENIX CONTACT


1410071 Product details

Cable sleeve, small, no. of conductors: 2, type: AS-i cable (Left Left), slotted, material: SEBS
(halogen-free), color: gray, length: 29.5 mm, width: 19.5 mm, height: 17 mm




Similar Part No. - 1410071

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1410001 TURCK-1410001 Datasheet
308Kb / 2P
Inductive Sensor – Ring Probe
11/07/2023
logo
Silicon Laboratories
1410022 SILABS-1410022 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
PHOENIX CONTACT
1410042 PHOENIX-1410042 Datasheet
230Kb / 5P
CES-SRG-BK-1ASI-L - Cable sleeve
1410050 PHOENIX-1410050 Datasheet
181Kb / 5P
FOC-V06-D1PGY-S/SJBE4 - Fiber optic coupling
1410055 PHOENIX-1410055 Datasheet
231Kb / 5P
CES-SRG-BK-2ASI-LL - Cable sleeve
More results


Similar Description - 1410071

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1654743 PHOENIX-1654743 Datasheet
184Kb / 3P
RJ45 bending protection sleeve - VS-08-KS-H/GY
0801673 PHOENIX-0801673 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-3
09/11/2020
0801688 PHOENIX-0801688 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-16
09/11/2020
0801696 PHOENIX-0801696 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-23
09/11/2020
1410068 PHOENIX-1410068 Datasheet
67Kb / 4P
Cable sleeve - CES-STPG-GY-1ASI-L
09/11/2020
1410424 PHOENIX-1410424 Datasheet
70Kb / 4P
Cable sleeve - CES-STPG-GY-2X3
09/11/2020
1410438 PHOENIX-1410438 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-2X4
09/11/2020
logo
Pepperl+Fuchs Inc.
VAZ-FK-ST1 PF-VAZ-FK-ST1 Datasheet
81Kb / 1P
Flat cable sleeve
VAZ-2FK-GLAND-12NPT PF-VAZ-2FK-GLAND-12NPT Datasheet
138Kb / 1P
Seal Flat cable sleeve
2014-06-19
VAZ-2FK-GLAND-M20 PF-VAZ-2FK-GLAND-M20 Datasheet
133Kb / 1P
Seal Flat cable sleeve
2014-06-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com