Electronic Components Datasheet Search
  English  ▼

X  

LMV7235 Datasheet (PDF) - Texas Instruments

LMV7235 Datasheet PDF - Texas Instruments
Part # LMV7235
Download  LMV7235 Download
File Size   1216.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV7235 and LMV7239 75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator With Open-Drain and Push-Pull Output

LMV7235 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV7235 Datasheet PDF - Texas Instruments

Part # LMV7235
Download  LMV7235 Click to download

File Size   1216.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV7235 and LMV7239 75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator With Open-Drain and Push-Pull Output

LMV7235 Datasheet (HTML) - Texas Instruments


LMV7235 Product details

1 Features
1• VS = 5 V, TA = 25°C (Typical Values Unless
Otherwise Specified)
• Propagation Delay: 75 ns
• Low supply Current: 65 μA
• Rail-to-Rail Input
• Open Drain and Push-Pull Output
• Ideal for 2.7-V and 5-V, Single-Supply
Applications
• Available in Space-Saving Packages:
– 5-Pin SOT-23
– 5-Pin SC70

2 Applications
• Portable and Battery-Powered Systems
• Set Top Boxes
• High-Speed Differential Line Receiver
• Window Comparators
• Zero-Crossing Detectors
• High-Speed Sampling Circuits

3 Description
The LMV7235 and LMV7239 are ultra low power, low
voltage, 75-ns comparators. They are ensured to
operate over the full supply voltage range of 2.7 V to
5.5 V. These devices achieve a 75-ns propagation
delay while consuming only 65 μA of supply current
at 5 V.
The LMV7235 and LMV7239 have a greater than railto-
rail common-mode voltage range. The input
common mode voltage range extends 200 mV below
ground and 200 mV above supply, allowing both
ground and supply sensing.
The LMV7235 features an open drain output. By
connecting an external resistor, the output of the
comparator can be used as a level shifter.
The LMV7239 features a push-pull output stage. This
feature allows operation without the need of an
external pullup resistor.
The LMV7235 and LMV7239 are available in the 5-
pin SC70 and 5-pin SOT-23 packages, which are
ideal for systems where small size and low power is
critical.




Similar Part No. - LMV7235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
733Kb / 13P
45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
852Kb / 14P
45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI-LMV7235 Datasheet
996Kb / 22P
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235 Datasheet
1Mb / 22P
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
More results


Similar Description - LMV7235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_06 Datasheet
733Kb / 13P
45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5-NOPB TI1-LMV7239M5-NOPB Datasheet
1Mb / 22P
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235_16 Datasheet
1Mb / 30P
75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com