Electronic Components Datasheet Search
  English  ▼

X  

USB3CFTV22BZ050F059 Datasheet (PDF) - Amphenol PCD, Inc

USB3CFTV22BZ050F059 Datasheet PDF - Amphenol PCD, Inc
Part # USB3CFTV22BZ050F059
Download  USB3CFTV22BZ050F059 Download
File Size   7764.41 Kbytes
Page   12 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description USB Type-C connection system for harsh environment

USB3CFTV22BZ050F059 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3CFTV22BZ050F059 Datasheet PDF - Amphenol PCD, Inc

Part # USB3CFTV22BZ050F059
Download  USB3CFTV22BZ050F059 Click to download

File Size   7764.41 Kbytes
Page   12 Pages
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc
Description USB Type-C connection system for harsh environment

USB3CFTV22BZ050F059 Datasheet (HTML) - Amphenol PCD, Inc


USB3CFTV22BZ050F059 Product details

features

Main characteristics:
• Thread coupling, MIL-DTL-38999 series III type
• Shell size 11
• Shock, vibration, and traction resistance
• No tools are required for cabling adaptation
• EMI protection: Shielding continuity
• Mating plug/receptacle cycles: 500 at least

Data transmission and Power:
• Compatible with USB3.2 Gen 1
• Fully reversible for both plug and receptacle
• Intensity: 5A max
• Voltage: 20V max
• Dielectric: Withstanding voltage: 100 VAC
• Maximum length transmission: Up to 1 m (only for cordset
versions). Amplifiers to come, please consult us.

Environmental protection:
• Sealing: IP68 unmated and mated (with sealed USB3 Type-C
cordset)
• Material and platings:
• 48 h - Aluminum shell with Nickel plating
• 500 h - Aluminum shell with Black zinc nickel plating
• 500 h - Aluminum shell with Olive drab cadmium plating
• 500 h - Aluminum shell with Tin-zinc plating
• 500 h - Marine bronze shell
• 500 h - Stainless steel passivated
• Shock resistance: IK06 onto mated pair
• Operating temperature: -40°C to +85°C (-40°F to 185°F)




Similar Part No. - USB3CFTV22BZ050F059

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB3-16U1 COOLGEAR-USB3-16U1 Datasheet
118Kb / 3P
16 Port USB 3.0 Metal Hub w/Surge Protection
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
logo
Pro-Signal
USB3-802 PROSIGNAL-USB3-802 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
USB3-803 PROSIGNAL-USB3-803 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
More results


Similar Description - USB3CFTV22BZ050F059

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com