Electronic Components Datasheet Search
  English  ▼

X  

26440_QA01 Datasheet (PDF) - VAT Group AG

26440_QA01 Datasheet PDF - VAT Group AG
Part # 26440_QA01
Download  26440_QA01 Download
File Size   21.8 Kbytes
Page   1 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV angle valve Series 264, DN 100 (ID 4”)

26440_QA01 Datasheet (PDF)

Go To PDF Page Download Datasheet
26440_QA01 Datasheet PDF - VAT Group AG

Part # 26440_QA01
Download  26440_QA01 Click to download

File Size   21.8 Kbytes
Page   1 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV angle valve Series 264, DN 100 (ID 4”)

26440_QA01 Datasheet (HTML) - VAT Group AG




Similar Part No. - 26440_QA01

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
26440_QA11 VAT-26440_QA11 Datasheet
20Kb / 2P
HV angle valve Series 264, DN 100 (ID 4”)
26440_QA14 VAT-26440_QA14 Datasheet
25Kb / 2P
HV angle valve Series 264, DN 100 (ID 4”)
26440_QA21 VAT-26440_QA21 Datasheet
25Kb / 2P
HV angle valve Series 264, DN 100 (ID 4”)
26440_QA24 VAT-26440_QA24 Datasheet
25Kb / 2P
HV angle valve Series 264, DN 100 (ID 4”)
26440_QA31 VAT-26440_QA31 Datasheet
29Kb / 2P
HV angle valve Series 264, DN 100 (ID 4”)
More results


Similar Description - 26440_QA01

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
MPEG-4 AVC/H.264 Video Decoder
logo
BELIMO AIRCONTROLS (USA...
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
logo
HARTING Technology Grou...
09-14-000-6418 HARTING-09-14-000-6418 Datasheet
464Kb / 2P
Pneum.contact metal ID 8mm,femalevalve
09-14-000-6416 HARTING-09-14-000-6416 Datasheet
457Kb / 2P
Pneum. contact metal ID 6 femalevalve
09-14-000-6414 HARTING-09-14-000-6414 Datasheet
456Kb / 2P
Pneum. contact metal ID 4 femalevalve
09-14-000-6413 HARTING-09-14-000-6413 Datasheet
455Kb / 2P
Pneum. contact metal ID 3 femalevalve
09-14-000-6411 HARTING-09-14-000-6411 Datasheet
465Kb / 2P
Pneum.contact metal ID 10mm,femalevalve
logo
Maxim Integrated Produc...
MAX20330A MAXIM-MAX20330A_V01 Datasheet
699Kb / 21P
Precision HV Capable ID Detector
19-100293; Rev 1; 6/18
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com