Electronic Components Datasheet Search
  English  ▼

X  

74VHC4040 Datasheet (PDF) - ON Semiconductor

74VHC4040 Datasheet PDF - ON Semiconductor
Part # 74VHC4040
Download  74VHC4040 Download
File Size   433.62 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12-Stage Binary Counter

74VHC4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC4040 Datasheet PDF - ON Semiconductor

Part # 74VHC4040
Download  74VHC4040 Click to download

File Size   433.62 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12-Stage Binary Counter

74VHC4040 Datasheet (HTML) - ON Semiconductor


74VHC4040 Product details

Features
■ High speed; fMAX = 210MHz at VCC = 5V
■ Low power dissipation: ICC = 4μA (Max.) at TA = 25°C
■ High noise immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power down protection is provided on all inputs
■ Wide operating voltage range: VCC(Opr.) = 2V – 5.5V
■ Low noise: VOLP = 0.8V (Max.)
■ Pin and function compatible with 74HC4040

General Description
The VHC4040 is an advanced high-speed CMOS device fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The VHC4040 is a 12-stage counter which increments on the negative edge of the input clock and all outputs are reset to a low level by applying a logical high on the reset input. An input protection circuit insures that 0V to 7V can be applied to the inputs without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mismatched supply and input voltages.




Similar Part No. - 74VHC4040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
12-Stage Binary Counter
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
333Kb / 9P
12-Stage Binary Counter
logo
Toshiba Semiconductor
74VHC4040FT TOSHIBA-74VHC4040FT Datasheet
189Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
logo
Fairchild Semiconductor
74VHC4040M FAIRCHILD-74VHC4040M Datasheet
67Kb / 7P
12-Stage Binary Counter
74VHC4040M FAIRCHILD-74VHC4040M Datasheet
333Kb / 9P
12-Stage Binary Counter
More results


Similar Description - 74VHC4040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
12-Stage Binary Counter
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
12-stage Binary Counter
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
12-Stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
12 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
12-stage Binary Counter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com