Electronic Components Datasheet Search
  English  ▼

X  

D00248 Datasheet (PDF) - Premier Farnell Limited.

D00248 Datasheet PDF - Premier Farnell Limited.
Part # D00248
Download  D00248 Download
File Size   130.83 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 12” Combination Square

D00248 Datasheet (PDF)

Go To PDF Page Download Datasheet
D00248 Datasheet PDF - Premier Farnell Limited.

Part # D00248
Download  D00248 Click to download

File Size   130.83 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 12” Combination Square

D00248 Datasheet (HTML) - Premier Farnell Limited.


D00248 Product details

Features:
• Engraved stainless steel ruler
• Extra strong metal body
• Integrated spirit level
• At least 10 different uses with scriber and level




Similar Part No. - D00248

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D00240 DURATOOL-D00240 Datasheet
435Kb / 1P
1mm - 10mm Titanium Steel Drill Bit Set
18 /05/12 V1.0
D00242 DURATOOL-D00242 Datasheet
34Kb / 1P
Wheel Measure
D00245 DURATOOL-D00245 Datasheet
30Kb / 1P
Stainless Steel Rulers
D00246 DURATOOL-D00246 Datasheet
30Kb / 1P
Stainless Steel Rulers
D00247 DURATOOL-D00247 Datasheet
30Kb / 1P
Stainless Steel Rulers
More results


Similar Description - D00248

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
Square Type
logo
Pomona Electronics
4741 POMONA-4741 Datasheet
51Kb / 1P
Square Pin Square Pin
logo
Molex Electronics Ltd.
0011402163 MOLEX11-0011402163 Datasheet
25Kb / 2P
Terminator Die - 12/18 COMBINATION
logo
Panasonic Semiconductor
EVEGC1F2524M PANASONIC-EVEGC1F2524M Datasheet
117Kb / 4P
12 mm Square GS Encoders
logo
P-tec Corporation
PLBT5050-WCG72 P-TEC-PLBT5050-WCG72 Datasheet
1,000Kb / 11P
Square SMD
logo
List of Unclassifed Man...
4007B ETC2-4007B Datasheet
1Mb / 2P
Sine and square waveforms up to 12 MHz
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
logo
Panasonic Semiconductor
EVEJB PANASONIC-EVEJB Datasheet
110Kb / 3P
12 mm Square GS Encoders with Push-on Switch
logo
Molex Electronics Ltd.
0011402163 MOLEX-0011402163 Datasheet
33Kb / 1P
Terminator Die - 12/18 Combination
11/02/2021
logo
List of Unclassifed Man...
935CSEL ETC-935CSEL Datasheet
3Mb / 2P
ELECTRICIANS COMBINATION SQUARE
Rev. 12/22 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com