Electronic Components Datasheet Search
  English  ▼

X  

DS90LT012AHMF/NOPB Datasheet (PDF) - Texas Instruments

DS90LT012AHMF/NOPB Datasheet PDF - Texas Instruments
Part # DS90LT012AHMF/NOPB
Download  DS90LT012AHMF/NOPB Download
File Size   1150.04 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LT012AH high temperature 3-V LVDS differential line receiver

DS90LT012AHMF/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90LT012AHMF/NOPB Datasheet PDF - Texas Instruments

Part # DS90LT012AHMF/NOPB
Download  DS90LT012AHMF/NOPB Click to download

File Size   1150.04 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LT012AH high temperature 3-V LVDS differential line receiver

DS90LT012AHMF/NOPB Datasheet (HTML) - Texas Instruments


DS90LT012AHMF/NOPB Product details

1 Features
1• –40°C to +125°C Temperature Range Operation
• Compatible With ANSI TIA/EIA-644-A Standard
• >400-Mbps (200-MHz) Switching Rates
• 100-ps Differential Skew (Typical)
• 3.5-ns Maximum Propagation Delay
• Integrated Line Termination Resistor (100 Ω
Typical)
• Single 3.3-V Power Supply Design (2.7-V to 3.6-V
Range)
• Power-Down High Impedance on LVDS Inputs
• LVDS Inputs Accept LVDS/CML/LVPECL Signals
• Pinout Simplifies PCB Layout
• Low Power Dissipation (10 mW Typical at 3.3-V
Static)
• 5-Pin SOT-23 Package

2 Applications
• Board-to-Board Communication
• Test and Measurement
• LED Video Walls
• Motor Drives
• Wireless Infrastructure
• Telecom Infrastructure
• Multi-Function Printers
• NIC Cards
• Rack Servers
• Ultrasound Scanners

3 Description
The DS90LT012AH is a single CMOS differential line
receiver designed for applications requiring ultra-low
power dissipation, low noise, and high data rates.
The devices are designed to support data rates in
excess of 400 Mbps (200 MHz) using Low Voltage
Differential Swing (LVDS) technology
The DS90LT012AH accepts low voltage (350 mV
typical) differential input signals and translates them
to 3-V CMOS output levels. The DS90LT012AH
includes an input line termination resistor for point-topoint
applications.
The DS90LT012AH and companion LVDS line driver
DS90LV011AH provide a new alternative to high
power PECL/ECL devices for high-speed interface
applications.




Similar Part No. - DS90LT012AHMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012AHMF/NOPB TI1-DS90LT012AHMF/NOPB Datasheet
779Kb / 16P
High Temperature 3V LVDS Differential Line Receiver
More results


Similar Description - DS90LT012AHMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
High Temperature 3V LVDS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
High Temperature 3V LVDS Differential Line Receiver
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
3-V LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4662 AD-ADN4662 Datasheet
220Kb / 12P
Single, 3 V, CMOS, LVDS Differential Line Receiver
Rev. A
ADN4664 AD-ADN4664 Datasheet
284Kb / 12P
Dual, 3 V, CMOS, LVDS Differential Line Receiver
Rev. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com