Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet (PDF) - Texas Instruments

THS4281 Datasheet PDF - Texas Instruments
Part # THS4281
Download  THS4281 Download
File Size   1170.12 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7822IRTAR DAC7822IRTAT DAC7822IRTAT.A DAC7822IRTATG4.A DAC7822IRTAR.A

THS4281 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4281 Datasheet PDF - Texas Instruments

Part # THS4281
Download  THS4281 Click to download

File Size   1170.12 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7822IRTAR DAC7822IRTAT DAC7822IRTAT.A DAC7822IRTATG4.A DAC7822IRTAR.A

THS4281 Datasheet (HTML) - Texas Instruments


THS4281 Product details

FEATURES
· ±1LSB INL
· 2.5V to 5.5V Supply Operation
· Fast Parallel Interface:
17ns Write Cycle
· Update Rate of 20.4MSPS
· 10MHz Multiplying Bandwidth
· ±15V Reference Input
· Extended Temperature Range:
–40°C to +125°C
· 40-Lead QFN
· 12-Bit Monotonic
· 4-Quadrant Multiplication
· Power-On Reset with Brownout Detection
· Readback Function
· Industry-Standard Pin Configuration
· Pin-Compatible with the AD5405

APPLICATIONS
· Portable Battery-Powered Instruments
· Waveform Generators
· Analog Processing
· Programmable Amplifiers and Attenuators
· Digitally-Controlled Calibration
· Programmable Filters and Oscillators
· Ultrasound

DESCRIPTION
The DAC7822 is a dual, CMOS, 12-bit, current
output digital-to-analog converter (DAC). This device
operates from a 2.5V to 5.5V power supply, making it
suitable for battery-powered and many other applications.
The DAC7822 operates with a fast parallel interface.
Data readback allows the user to read the contents
of the DAC register via the DB pins. On power-up,
the internal register and latches are filled with zeroes
and the DAC outputs are at zero scale.
The DAC7822 offers excellent 4-quadrant
multiplication characteristics, with large signal
multiplying bandwidth of 10MHz. The applied
external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback
resistor (RFB) provides temperature tracking and
full-scale voltage output when combined with an
external current-to-voltage precision amplifier. The
DAC7822 also includes the resistors necessary for
4-quadrant multiplication and other configuration
modes.
The DAC7822 is available in a 40-lead QFN
package.




Similar Part No. - THS4281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281 TI-THS4281 Datasheet
1Mb / 31P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281 NSC-THS4281 Datasheet
1Mb / 37P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281 TI1-THS4281 Datasheet
1Mb / 38P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
Voltage-Feedback Operational Amplifier
THS4281 TI1-THS4281 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Similar Description - THS4281

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
12-Jun-08
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
25-May-09
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
USB CABLE A TO A
logo
Electronic Components L...
CP30205N CLIFF-CP30205N Datasheet
574Kb / 1P
USB3.0 A-A FEEDTHROUGH CONNECTOR
CP30208N CLIFF-CP30208N Datasheet
533Kb / 1P
USB2.0 A-A FEEDTHROUGH CONNECTOR
05/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com