Electronic Components Datasheet Search
  English  ▼

X  

BUF12800 Datasheet (PDF) - Texas Instruments

BUF12800 Datasheet PDF - Texas Instruments
Part # BUF12800
Download  BUF12800 Download
File Size   1163.34 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION

BUF12800 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF12800 Datasheet PDF - Texas Instruments

Part # BUF12800
Download  BUF12800 Click to download

File Size   1163.34 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION

BUF12800 Datasheet (HTML) - Texas Instruments


BUF12800 Product details

FEATURES
12-CHANNEL GAMMA CORRECTION
10-BIT RESOLUTION
DOUBLE-BUFFERED DAC REGISTERS
INTEGRATED REFERENCE BUFFERS
RAIL-TO-RAIL OUTPUT
LOW SUPPLY CURRENT: 900μA/ch
SUPPLY VOLTAGE: 7V to 18V
DIGITAL SUPPLY: 2.3V to 5.5V
INDUSTRY-STANDARD TWO-WIRE INTERFACE
− High-Speed Mode: 3.4MHz
HIGH ESD RATING:
− 4kV HBM, 1kV CDM, 200V MM
DEMO BOARD AND SOFTWARE AVAILABLE

APPLICATIONS
TFT-LCD REFERENCE DRIVERS
REFERENCE VOLTAGE GENERATORS
INDUSTRIAL PROCESS CONTROL

DESCRIPTION
The BUF12800 is a programmable voltage reference
generator designed for dynamic gamma correction in
TFT-LCD panels. It provides 12 programmable outputs,
each with 10-bit resolution.
TI’s new, small geometry, state-of-the-art, analog CMOS
process allows the use of one digital-to-analog converter
(DAC) per channel while still maintaining a very small chip
size. This topology has the advantage of significantly
increased programming speed over existing programmable
buffers.
Programming of each output occurs through an industrystandard,
two-wire serial interface. Unlike existing
programmable buffers, the BUF12800 offers a highspeed,
two-wire interface mode that allows clock speeds
up to 3.4MHz. The BUF12800 features a double-buffered
DAC register structure that significantly simplifies implementation
of dynamic gamma control. This further reduces
programming time, especially when many channels have
to be updated simultaneously.
Reference pins set the high and low voltages of the output
range. They are internally buffered, which simplifies
design. They may be connected to external resistors to
divide the output range for finer resolution of outputs.
The BUF12800 is available in a TSSOP-24 PowerPAD
package. It is specified from −40°C to +85°C.




Similar Part No. - BUF12800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Texas Instruments
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12800 TI1-BUF12800 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
More results


Similar Description - BUF12800

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
LCD Signal Processor (Gamma Correction)
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Texas Instruments
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
Programmable Gamma-Voltage Generator
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
Programmable Gamma-Voltage Generator
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com