Electronic Components Datasheet Search
  English  ▼

X  

22028_KA01 Datasheet (PDF) - VAT Group AG

22028_KA01 Datasheet PDF - VAT Group AG
Part # 22028_KA01
Download  22028_KA01 Download
File Size   21.09 Kbytes
Page   1 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description Diaphragm valve Series 220, DN 25 (ID 1”)

22028_KA01 Datasheet (PDF)

Go To PDF Page Download Datasheet
22028_KA01 Datasheet PDF - VAT Group AG

Part # 22028_KA01
Download  22028_KA01 Click to download

File Size   21.09 Kbytes
Page   1 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description Diaphragm valve Series 220, DN 25 (ID 1”)

22028_KA01 Datasheet (HTML) - VAT Group AG




Similar Part No. - 22028_KA01

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202833 PHOENIX-2202833 Datasheet
350Kb / 7P
BC 161,6 OT U11 BK - Upper housing part
2202856 PHOENIX-2202856 Datasheet
190Kb / 6P
UM-PRO 108 COVER/BUS-L BK - Lateral element
2202857 PHOENIX-2202857 Datasheet
193Kb / 6P
UM-PRO 108 COVER/BUS-R BK - Lateral element
2202874 PHOENIX-2202874 Datasheet
60Kb / 3P
Electronic housing - RPI-BC 107,6 DEV-KIT KMGY
2202875 PHOENIX-2202875 Datasheet
72Kb / 5P
Electronic housing - RPI-BC 107,6 DEV-KIT KMGY P10
More results


Similar Description - 22028_KA01

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2085M SONY-CXD2085M Datasheet
113Kb / 11P
ID-1 Detection
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
PUI audio inc.
AS06606SR-R PUIAUDIO-AS06606SR-R Datasheet
361Kb / 4P
Silk dome diaphragm
logo
HARTING Technology Grou...
09-14-000-6418 HARTING-09-14-000-6418 Datasheet
464Kb / 2P
Pneum.contact metal ID 8mm,femalevalve
09-14-000-6411 HARTING-09-14-000-6411 Datasheet
465Kb / 2P
Pneum.contact metal ID 10mm,femalevalve
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com