Electronic Components Datasheet Search
  English  ▼

X  

ADS7813UG4 Datasheet (PDF) - Texas Instruments

ADS7813UG4 Datasheet PDF - Texas Instruments
Part # ADS7813UG4
Download  ADS7813UG4 Download
File Size   1140.02 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7813UG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7813UG4 Datasheet PDF - Texas Instruments

Part # ADS7813UG4
Download  ADS7813UG4 Click to download

File Size   1140.02 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7813UG4 Datasheet (HTML) - Texas Instruments


ADS7813UG4 Product details

FEATURES
20μs max CONVERSION TIME
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 12-BIT ADS7812
EASY-TO-USE SERIAL INTERFACE
0.3" DIP-16 AND SO-16
±2.0LSB max INL
87dB min SINAD
USES INTERNAL OR EXTERNAL
REFERENCE
MULTIPLE INPUT RANGES
35mW max POWER DISSIPATION
NO MISSING CODES
50μW POWER DOWN MODE

APPLICATIONS
MEDICAL INSTRUMENTATION
DATA ACQUISITION SYSTEMS
ROBOTICS
INDUSTRIAL CONTROL
TEST EQUIPMENT
DIGITAL SIGNAL PROCESSING
DSP SERVO CONTROL

DESCRIPTION
The ADS7813 is a low-power, single +5V supply, 16-bit
sampling analog-to-digital (A/D) converter. It contains a
complete 16-bit capacitor-based SAR A/D with a
sample/hold, clock, reference, and serial data interface.
The converter can be configured for a variety of input ranges
including ±10V, ±5V, 0V to 10V, and 0.5V to 4.5V. A high
impedance 0.3V to 2.8V input range is also available (input
impedance > 10MΩ). For most input ranges, the input
voltage can swing to +16.5V or –16.5V without damage to
the converter.
A flexible SPI-compatible serial interface allows data to be
synchronized to an internal or external clock. The ADS7813
is specified at a 40kHz sampling rate over the –40°C to
+85°C temperature range. It is available in a 0.3" DIP-16 or
an SO-16 package.




Similar Part No. - ADS7813UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7813UG4 TI1-ADS7813UG4 Datasheet
1Mb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7813UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com