Electronic Components Datasheet Search
  English  ▼

X  

INA202AIDGKT Datasheet (PDF) - Texas Instruments

INA202AIDGKT Datasheet PDF - Texas Instruments
Part # INA202AIDGKT
Download  INA202AIDGKT Download
File Size   1120.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference

INA202AIDGKT Datasheet (PDF)

Go To PDF Page Download Datasheet
INA202AIDGKT Datasheet PDF - Texas Instruments

Part # INA202AIDGKT
Download  INA202AIDGKT Click to download

File Size   1120.27 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference

INA202AIDGKT Datasheet (HTML) - Texas Instruments


INA202AIDGKT Product details

1 Features
1• Complete Current Sense Solution
• Three Gain Options Available:
– INA200 = 20 V/V
– INA201 = 50 V/V
– INA202 = 100 V/V
• 0.6-V Internal Voltage Reference
• Internal Open-Drain Comparator
• Latching Capability on Comparator
• Common-Mode Range: –16 V to 80 V
• High Accuracy: 3.5% Maximum Error Over
Temperature
• Bandwidth: 500 kHz (INA200)
• Quiescent Current: 1800 μA (Maximum)
• Packages: SOIC-8, VSSOP-8

2 Applications
• Notebook Computers
• Cell Phones
• Telecom Equipment
• Automotive
• Power Management
• Battery Chargers
• Welding Equipment

3 Description
The INA200, INA201, and INA202 devices are highside
current-shunt monitors with voltage output and
integrated comparator. The INA20x devices can
sense drops across shunts at common-mode
voltages from –16 V to 80 V. The INA20x series is
available with three output voltage scales: 20 V/V, 50
V/V, and 100 V/V, with a bandwidth up to 500-kHz.
The INA200, INA201, and INA202 devices
incorporate an open-drain comparator and internal
reference providing a 0.6-V threshold. External
dividers set the current trip point. The comparator
includes a latching capability, that can be made
transparent by grounding (or leaving open) the
RESET pin.
The INA200, INA201, and INA202 devices operate
from a single 2.7-V to 18-V supply, drawing a
maximum of 1800 μA of supply current. Package
options include the very small VSSOP-8 and the
SOIC-8. All versions are specified over the extended
operating temperature range of –40°C to +125°C.




Similar Part No. - INA202AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA202AIDGKT BURR-BROWN-INA202AIDGKT Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA202AIDGKT BURR-BROWN-INA202AIDGKT Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AIDGKT TI1-INA202AIDGKT Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA202AIDGKT TI1-INA202AIDGKT Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA202AIDGKTG4 BURR-BROWN-INA202AIDGKTG4 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
More results


Similar Description - INA202AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA206 TI-INA206_15 Datasheet
1Mb / 39P
INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com