Electronic Components Datasheet Search
  English  ▼

X  

DAC7641YB Datasheet (PDF) - Texas Instruments

DAC7641YB Datasheet PDF - Texas Instruments
Part # DAC7641YB
Download  DAC7641YB Download
File Size   1086.46 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7641YB Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7641YB Datasheet PDF - Texas Instruments

Part # DAC7641YB
Download  DAC7641YB Click to download

File Size   1086.46 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7641YB Datasheet (HTML) - Texas Instruments


DAC7641YB Product details

FEATURES
LOW POWER: 2.5mW
UNIPOLAR OR BIPOLAR OPERATION
SETTLING TIME: 10ms to 0.003%
15-BIT LINEARITY AND MONOTONICITY:
–40°C to +85°C
PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
DATA READBACK
DOUBLE-BUFFERED DATA INPUTS

APPLICATIONS
PROCESS CONTROL
ATE PIN ELECTRONICS
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS
DAC-PER-PIN PROGRAMMERS

DESCRIPTION
The DAC7641 is a 16-bit, voltage output digital-toanalog
converter (DAC) with guaranteed 15-bit monotonic
performance over the specified temperature range.
It accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing asynchronous update), and
provides a readback mode of the internal input registers.
Programmable asynchronous reset clears all registers to
a mid-scale code of 8000H or to a zero-scale of 0000H.
The DAC7641 can operate from a single +5V supply or
from +5V and –5V supplies.
Low power and small size per DAC make the DAC7641
ideal for automatic test equipment, DAC-per-pin
programmers, data acquisition systems, and closedloop
servo-control. The DAC7641 is available in a
TQFP-32 package, and offers guaranteed specifications
over the –40°C to +85°C temperature range.




Similar Part No. - DAC7641YB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641YB BURR-BROWN-DAC7641YB Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641YB TI1-DAC7641YB Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641YB/250 BURR-BROWN-DAC7641YB/250 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641YB/250 TI1-DAC7641YB/250 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641YB/250G4 TI1-DAC7641YB/250G4 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7641YB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com