Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet (PDF) - Texas Instruments

CDCE937 Datasheet PDF - Texas Instruments
Part # CDCE937
Download  CDCE937 Download
File Size   1079.01 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs

CDCE937 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCE937 Datasheet PDF - Texas Instruments

Part # CDCE937
Download  CDCE937 Click to download

File Size   1079.01 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs

CDCE937 Datasheet (HTML) - Texas Instruments


CDCE937 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4B
• In-System Programmability and EEPROM
– Serial Programmable Volatile Register
– Nonvolatile EEPROM to Store Customer
Setting
• Flexible Input Clocking Concept
– External Crystal: 8 MHz to 32 MHz
– On-Chip VCXO: Pull Range ±150 ppm
– Single-Ended LVCMOS up to 160 MHz
• Free Selectable Output Frequency up to 230 MHz
• Low-Noise PLL Core
– Integrated PLL Loop Filter Components
– Low Period Jitter (Typical 60 ps)
• Separate Output Supply Pins
– CDCE937-Q1: 3.3 V and 2.5 V
– CDCEL937-Q1: 1.8 V
• Flexible Clock Driver
– Three User-Definable Control Inputs
[S0/S1/S2]; for Example: SSC Selection,
Frequency Switching, Output Enable or Power
Down
– Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth™,
WLAN, Ethernet™, and GPS
– Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
– Programmable SSC Modulation
– Enables 0-PPM Clock Generation
• 1.8-V Device Power Supply
• Wide Temperature Range –40°C to 125°C
• Packaged in TSSOP
• Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)

2 Applications
• Clusters
• Head Units
• Navigation Systems
• Advanced Driver Assistance Systems (ADAS)

3 Description
The CDCE937-Q1 and CDCEL937-Q1 devices are
modular, phase-locked loop (PLL) based
programmable clock synthesizers. These devices
provide flexible and programmable options, such as
output clocks, input signals, and control pins, so that
the user can configure the CDCEx937-Q1 for their
own specifications.
The CDCEx937-Q1 generates up to seven output
clocks from a single input frequency to enable both
board space and cost savings. Additionally, with
multiple outputs, the clock generator can replace
multiple crystals with one clock generator. This
makes the device well-suited for head unit and
telematics applications in infotainment and camera
systems in ADAS as these platforms are evolving into
smaller and more cost effective systems.




Similar Part No. - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937 TI1-CDCE937 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937 TI1-CDCE937 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results


Similar Description - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com