Electronic Components Datasheet Search
  English  ▼

X  

BQ29410DCTR Datasheet (PDF) - Texas Instruments

BQ29410DCTR Datasheet PDF - Texas Instruments
Part # BQ29410DCTR
Download  BQ29410DCTR Download
File Size   1117.16 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)

BQ29410DCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29410DCTR Datasheet PDF - Texas Instruments

Part # BQ29410DCTR
Download  BQ29410DCTR Click to download

File Size   1117.16 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)

BQ29410DCTR Datasheet (HTML) - Texas Instruments


BQ29410DCTR Product details

1FEATURES
• 2-, 3-, or 4-Cell Secondary Protection
• Low Power Consumption I CC < 2 μA
[VCELL(ALL) < V(PROTECT)]
• Fixed High Accuracy Overvoltage Protection
Threshold
– bq29410 = 4.35 V
– bq29411 = 4.40 V
– bq29412 = 4.45 V
– bq29413 = 4.50 V
– bq29414 = 4.55 V
– bq29415 = 4.60 V
– bq29419 = 4.30 V
• Programmable Delay Time of Detection
• High Power Supply Ripple Rejection
• Stable During Pulse Charge Operation

APPLICATIONS
• 2nd-Level Overvoltage Protection in Li-Ion
Battery Packs in:
– Notebook Computers
– Portable Instrumentation
– Portable Equipment

DESCRIPTION
The bq2941x is a secondary overvoltage protection
IC for 2-, 3-, or 4-cell lithium-ion battery packs that
incorporates a high-accuracy precision overvoltage
detection circuit. It includes a programmable delay
circuit for overvoltage detection time.

FUNCTION
Each cell in a multiple-cell pack is compared to an
internal reference voltage. If one cell reaches an overvoltage condition, the protection sequence
begins. The bq2941x device starts charging an
external capacitor through the CD pin. When the CD
pin voltage reaches 1.2 V, the OUT pin changes from a low level to a high level.




Similar Part No. - BQ29410DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410DCTR TI-BQ29410DCTR Datasheet
204Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410DCTR TI-BQ29410DCTR Datasheet
158Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410DCTR TI1-BQ29410DCTR Datasheet
1Mb / 19P
VOLTAGE PROTECTION
BQ29410DCTRG4 TI-BQ29410DCTRG4 Datasheet
204Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410DCTRG4 TI-BQ29410DCTRG4 Datasheet
158Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
More results


Similar Description - BQ29410DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com