Electronic Components Datasheet Search
  English  ▼

X  

PT-L6 Datasheet (PDF) - List of Unclassifed Manufacturers

PT-L6 Datasheet PDF - List of Unclassifed Manufacturers
Part # PT-L6
Download  PT-L6 Download
File Size   58.74 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description .078" x 1.0" x 600° PT Series Long Screwdriver Tip for TC201 Series Iron

PT-L6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT-L6 Datasheet PDF - List of Unclassifed Manufacturers

Part # PT-L6
Download  PT-L6 Click to download

File Size   58.74 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description .078" x 1.0" x 600° PT Series Long Screwdriver Tip for TC201 Series Iron

PT-L6 Datasheet (HTML) - List of Unclassifed Manufacturers


PT-L6 Product details

Product Features:
Solid copper, plated with iron all over
Nickel and chromium behind the working surface
Designed to provide maximum heat transfer from the heater to the tip
Individually bagged
Tinned with leadfree
solder
Use only genuine Weller tips
Made to order




Similar Part No. - PT-L6

ManufacturerPart #DatasheetDescription
logo
Weller Tools
PT-L6 WELLER-PT-L6 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
More results


Similar Description - PT-L6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
ORION FANS
OA825 ORIONFANS-OA825 Datasheet
106Kb / 1P
80 x 25mm (3.15??x 1.0??
logo
List of Unclassifed Man...
PTA7B ETC2-PTA7B Datasheet
48Kb / 1P
.062 x .62 x 700 PT Series Screwdriver Tip for TC201 Series Iron
logo
P-tec Corporation
PL00190-WCG10 P-TEC-PL00190-WCG10 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
logo
SunLED Corporation
XZMDKMYKX56W-HTA SUNLED-XZMDKMYKX56W-HTA Datasheet
349Kb / 7P
3.0 x 1.0 mm High Temperature Series
XZMDKVGX56W-HTA SUNLED-XZMDKVGX56W-HTA Datasheet
339Kb / 7P
3.0 x 1.0 mm High Temperature Series
logo
Transko Electronics, In...
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com