Electronic Components Datasheet Search
  English  ▼

X  

5604433 Datasheet (PDF) - PHOENIX CONTACT

5604433 Datasheet PDF - PHOENIX CONTACT
Part # 5604433
Download  5604433 Download
File Size   195.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EM-DUO 120/15/SWA - Socket

5604433 Datasheet (PDF)

Go To PDF Page Download Datasheet
5604433 Datasheet PDF - PHOENIX CONTACT

Part # 5604433
Download  5604433 Click to download

File Size   195.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EM-DUO 120/15/SWA - Socket

5604433 Datasheet (HTML) - PHOENIX CONTACT


5604433 Product details

Socket, connection method: Screw connection, color: ivory, nom. voltage: 125 V AC, nominal
current: 15 A, standards/specifications: UL 508, CSA 22.2




Similar Part No. - 5604433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5604431 PHOENIX-5604431 Datasheet
38Kb / 1P
HC-P:RJ45 CAT5 GFCI 3A
5604435 PHOENIX-5604435 Datasheet
194Kb / 6P
EM-DUO 120/20/SWA - Socket
More results


Similar Description - 5604433

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-554 ADVANTECH-AIMB-554 Datasheet
358Kb / 2P
Socket 478 Core??2 Duo/Core??Duo/ Celeron짰 M Processor-based MicroATX with DDR2/Dual LAN
logo
AAEON Technology
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
logo
List of Unclassifed Man...
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
logo
PHOENIX CONTACT
1286389 PHOENIX-1286389 Datasheet
1Mb / 11P
Socket Outlet - EV-T2M3SO12-4P-B-EM
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
logo
Molex Electronics Ltd.
834229053 MOLEX-834229053 Datasheet
102Kb / 1P
COMMERCIAL MICRO D 15 SOCKET / 15 SOCKET CABLE ASSEMBLY
04/09/29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com